Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VXCO-5001-DBE-G Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VXCO-5001-DBE-G
Description  Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXCO-5001-DBE-G Datasheet(HTML) 5 Page - Vectron International, Inc

  VXCO-5001-DBE-G Datasheet HTML 1Page - Vectron International, Inc VXCO-5001-DBE-G Datasheet HTML 2Page - Vectron International, Inc VXCO-5001-DBE-G Datasheet HTML 3Page - Vectron International, Inc VXCO-5001-DBE-G Datasheet HTML 4Page - Vectron International, Inc VXCO-5001-DBE-G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
VX - 500 0 - D A T - K X X X - 10M0000000
Product Family
VX: VCXO
Package
9 x 14 mm
Height
0: A 3.68mm (4 lead)
1: B 3.68mm (6 lead)
Supply Voltage
D: 5 Vdc
E: 3.3 Vdc
Pullability Code
G: ±30ppm
K: ±50ppm
Frequency
Screening Option
X: No Screening
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 12/12/2008 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: ACMOS
B: TTL
C: PECL/LVPECL
Temperature Range
E: -40… +85°C
T: 0… +70°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.
Option Code
X: No Option
Enable
X: No Enable


Similar Part No. - VXCO-5001-DBE-G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXCO-2600-AEA-G VECTRON-VXCO-2600-AEA-G Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-J VECTRON-VXCO-2600-AEA-J Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-K VECTRON-VXCO-2600-AEA-K Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-M VECTRON-VXCO-2600-AEA-M Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-S VECTRON-VXCO-2600-AEA-S Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VXCO-5001-DBE-G

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com