Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMM-168FLFB1-3A116 Datasheet(PDF) 5 Page - DDK Ltd.

Part # DMM-168FLFB1-3A116
Description  DIMM Socket For Memory Expansion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMM-168FLFB1-3A116 Datasheet(HTML) 5 Page - DDK Ltd.

  DMM-168FLFB1-3A116 Datasheet HTML 1Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 2Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 3Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 4Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 5Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 6Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 7Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 8Page - DDK Ltd. DMM-168FLFB1-3A116 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
DMM Series (168 Contacts)
Unit : mm
Recommended mating board dimensions
Recommended PCB mounting hole dimensions
■ Sync. DRAM Operation Voltage 5.0V
4 MAX.REF.
L 1
C
133.35 ± 0.13
3 MIN.
(127.35)
Device mounting area
after device mouting
DETAIL H
1.27 REF.
2φ3.00 ±0.1
DETAIL F
DETAIL J
DETAIL G
54.61 ± 0.05
6.35 ± 0.05
3.175 REF.
36.83
43.18 ±0.1
63.675
115.57 REF.
131.35 ± 0.05
11.43 ± 0.05
6.35 ± 0.05
2.00 ±0.1
1.00
R1
1.00
R1
2.00 ± 0.1
5.0V DC
L 1
C
1.27 ±0.03
1.00 ± 0.05
1.27 ±0.1
30.0
°
Recommended mating board dimensions
(Reference)
DETAIL G
DETAIL F
DETAIL J
DETAIL H
Contact No.168
4φ2.50 ±0.05
60.96 ± 0.10
60.96 ± 0.10
168-φ0.8 ± 0.05
Contact No.85
1.27 ± 0.05
Contact No.1
Lock pin
6.35 ± 0.05
11.43 ± 0.05
36.83 ± 0.05
115.57 ± 0.10
6.35 ± 0.05
3.175
57.79 ±0.05
54.61 ±0.05
DMM-168FLHB □ - □ A □□□
(connector mounting side Reference)
Recommended PCB mounting hole dimensions
43.18 ± 0.05
5
DMM(168)


Similar Part No. - DMM-168FLFB1-3A116

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
More results

Similar Description - DMM-168FLFB1-3A116

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
DMM3-RS144A2B-13 DDK-DMM3-RS144A2B-13 Datasheet
361Kb / 4P
   SO-DIMM Socket for Memory Expansion
logo
Adam Technologies, Inc.
DIMM168V1 ADAM-TECH-DIMM168V1 Datasheet
121Kb / 1P
   DIMM SOCKET S.O. DIMM SOCKET DDR SOCKET
logo
Axiomtek Co., Ltd.
SBC86620 AXIOMTEK-SBC86620_16 Datasheet
264Kb / 1P
   1 PCI slot and MiniPCI socket for expansion
logo
Adam Technologies, Inc.
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
   SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
   SO DIMM SOCKET
logo
Hirose Electric
MCR89-130D-1.27DSA HIROSE-MCR89-130D-1.27DSA Datasheet
135Kb / 4P
   Socket for Memory Module Board
logo
Adam Technologies, Inc.
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
   SO DIMM SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com