Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-706-HCW-SA Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VC-706-HCW-SA
Description  LVPECL, LVDS Crystal Oscillator Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-706-HCW-SA Datasheet(HTML) 5 Page - Vectron International, Inc

  VC-706-HCW-SA Datasheet HTML 1Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 2Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 3Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 4Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 5Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 6Page - Vectron International, Inc VC-706-HCW-SA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
LVPECL Application Diagrams
The VC-706 incorporates a standard PECL output scheme, which are un-terminated emitters as shown in Figure 7. There are numerous application notes
on terminating and interfacing PECL logic and the two most common methods are a single resistor to ground, Figure 8, and a pull-up/pull-down scheme
as shown in Figure 9. An AC coupling capacitor is optional, depending on the application and the input logic requirements of the next stage.
Figure 7 Standard PECL Output Configuration
Figure 8 Single Resistor Termination Scheme
Figure 9 Pull-Up Pull Down Termination
Resistor values are typically 120 to 240 ohms
for 3.3V operation.
Resistor values are typically 82 to 120 ohms
for 2.5V operation.
Resistor values are typically for 3.3V operation
For 2.5V operation, the resistor to ground is 62
ohms and the resistor to supply is 240 ohms
Environmental and IR Compliance
Table 4. Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Solderability
MIL-STD-883 Method 2003
Fine and Gross Leak
Fine and Gross Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2015
Moisture Sensitivity Level
Moisture Sensitivity Level
MSL1
Contact Pads
Gold over Nickel
VCC
OUT+
OUT-
100
LVDS
Driver
LVDS
Receiver
100
LVDS
Driver
Receiver
Figure 10 Standard LVDS
Output Configuration
Figure 11 LVDS to LVDS Connection, Internal 100ohm
Figure 12 LVDS to LVDS Connection
External 100ohm and AC blocking caps
Some LVDS structures have an internal 100 ohm resistor
on the input and do not need additional components.
Some input structures may not have an internal 100 ohm
resistor on the input and will need an external 100ohm
resistor for impedance matching. Also, the input may have
an internal DC bias which may not be compatible with
LVDS levels, AC blocking capacitors can be used.
LVDS Application Diagrams
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused output should not be left un-termi-
nated, and if it one of the two outputs is left open it will result in excessive jitter on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to jitter related problems.
Page5


Similar Part No. - VC-706-HCW-SA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-700 VECTRON-VC-700 Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAA VECTRON-VC-700-CFC-FAA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAL VECTRON-VC-700-CFC-FAL Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAM VECTRON-VC-700-CFC-FAM Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FFA VECTRON-VC-700-CFC-FFA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-706-HCW-SA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-707-ECW-EA VECTRON-VC-707-ECW-EA Datasheet
195Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-708 VECTRON-VC-708_11 Datasheet
280Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet Ultra Low Phase Noise
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
   5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com