Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-801-EAE-H Datasheet(PDF) 8 Page - Vectron International, Inc

Part # VC-801-EAE-H
Description  CMOS Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-801-EAE-H Datasheet(HTML) 8 Page - Vectron International, Inc

  VC-801-EAE-H Datasheet HTML 1Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 2Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 3Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 4Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 5Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 6Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 7Page - Vectron International, Inc VC-801-EAE-H Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page8
Table 11. Standard Output Frequencies (MHz)
9.8304
10.000
11.0590
11.0596
11.2896
12.000
12.272
12.288
12.353
13.000
13.500
13.560
14.318
14.7456
16.000
16.376
16.384
16.777216
16.800
17.734
17.734475
18.432
19.440
19.660
19.800
20.000
20.480
22.000
22.5792
24.000
24.5453
24.576
25.000
26.000
27.000
27,120
28.686
28.375
30.000
32.000
32.768
33.000
33.333
34.368
36.000
37.056
47.500
40.000
42.500
44.000
44.736
48.000
48.090
50.000
54.000
60.000
62.500
66.000
66.666
75.000
80.000
100.000
125.000
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 1/10/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
VC-801- E A W- K A A N- xxMxxxxxxx
Product
Crystal Oscillator
Output
A: CMOS
Load
A: 15pF
B: 30pF
C: 50pF (5V option only)
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
W: -10/70°C
E: -40/85°C
Custom Options
N: Standard Option
Stability
E: ±20ppm
F: ±25ppm
H: ±32ppm
K: ±50ppm
S: ±100ppm
Enable/Disable
A: Enable/Disable, Enable High
Power Supply
D: +5.0Vdc
E: +3.3Vdc
H: +2.5Vdc
J: +1.8Vdc
Package
3.2x5 Ceramic
Example: VC-801-EAW-KAAN-125M000000


Similar Part No. - VC-801-EAE-H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-EAW-KAAN VECTRON-VC-801-EAW-KAAN Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
More results

Similar Description - VC-801-EAE-H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com