Electronic Components Datasheet Search |
|
VS-702-ECT-KE Datasheet(PDF) 2 Page - Vectron International, Inc |
|
VS-702-ECT-KE Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 6 page Performance Specifications Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Table 1. Electrical Performance Parameter Symbol Min Typical Maximum Units Supply Voltage1 V DD 2.97 3.3 3.63 V Current (No Load) I DD 55 70 mA Frequency Nominal Frequency2 f N 150 1000 MHz Absolute Pull Range 3,6 APR ±50 ppm Linearity3 Lin 5 10 % Gain Transfer Positive3 (See pg 5) K V +100 ppm/V Temperature Stability3 f STAB ±20 ppm Outputs Mid Level3 V DD-1.5 V DD-1.3 V DD-1.2 V Single Ended Swing3 750 mV-pp Double Ended Swing3 1.5 V-pp Current I OUT 20 mA Rise Time4 Fall Time4 t R t F 500 500 ps ps Symmetry3 SYM 45 50 55 % Jitter (12 kHz - 20 MHz BW)622.08MHz5 фJ 0.1 0.250 ps-rms Jitter (50 kHz - 80 MHz BW)155.52MHz5 фJ 0.12 0.300 ps-rms Period Jitter, RMS (622.08MHz)7 фJ 2.5 3.0 ps Period Jitter, Peak - Peak (622.08MHz)7 фJ 16 24 ps Spurious Suppression2 -60 -50 dBc Control Voltage Control Voltage Range for APR V C 0.3 3.0 V Control Voltage Input Impedance Z IN 75 KΩ Control Voltage Modulation BW BW 50 kHz Enable/Disable Output Enabled, Option A Output Disabled, Option A V IH V IL 0.7*V DD 0.3*V DD V V Output Enabled, Option C Output Disabled, Option C V IL V IH 0.7*V DD 0.2*V DD Operating Temperature T OP 0/70 or -40/85 °C Package Size 5.0 x 7.5 x 2.0 mm Fig 1: Test Circuit Fig 2: LVPECL Waveform The VS-702 power supply should be filtered, eg, 0.1 and 0.01uF to ground 1] See Standard Frequencies and Ordering Information tables for more specific information 2] Parameters are tested with production test circuit below (Fig 1). 3] Measured from 20% to 80% of a full output swing (Fig 2). 4] Integrated across stated bandwidth. 5] Tested with Vc = 0.3V to 3.0V unless otherwise stated in part description 6] Broadband Period Jitter measured using Lecroy Wavemaster 8600A 6 GHz Oscilloscope, 25K samples taken. See application note. 7] SYM = 100 x t A / tR t F t R t A t R Page2 |
Similar Part No. - VS-702-ECT-KE |
|
Similar Description - VS-702-ECT-KE |