Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL-821-HAE-FA Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VL-821-HAE-FA
Description  CMOS Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VL-821-HAE-FA Datasheet(HTML) 7 Page - Vectron International, Inc

  VL-821-HAE-FA Datasheet HTML 1Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 2Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 3Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 4Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 5Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 6Page - Vectron International, Inc VL-821-HAE-FA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page7
Table 10. Standard Output Frequencies (MHz)
1.000
1.544
2.048
2.176
7.3728
8.000
10.000
11.0592
14.746
19.6608
24.49219
24.576
25.000
26.660
27.000
30.000
33.000
33.333
33.554
36.000
37.056
40.000
42.660
43.000
44.000
45.000
48.000
49.152
50.000
61.440
65.000
66.666
80.000
98.5382
106.25
110.00
124.444
125.000
133.000
135.000
150.000
155.520
156.000
156.250
160.000
162.000
170.000
200.000
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 7/24/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
VL-821- E A W- K A A N- xxMxxxxxxx
Product
PLL Crystal Oscillator
Output
A: CMOS
Load
A: 15pF
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
W: -10/70°C
E: -40/85°C
Custom Options
N: Standard Option
Stability
F: ±25ppm
K: ±50ppm
S: ±100ppm
Enable/Disable
A: Enable/Disable, Enable High
Power Supply
E: +3.3Vdc
H: +2.5Vdc
J: +1.8Vdc
Package
3.2x5 Ceramic
Example: VL-821-EAW-KAAN-125M000000


Similar Part No. - VL-821-HAE-FA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VL-821 VECTRON-VL-821 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
More results

Similar Description - VL-821-HAE-FA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VC-801-DAW-E VECTRON-VC-801-DAW-E Datasheet
211Kb / 8P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com