Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-5010-EDJ205 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PX-5010-EDJ205
Description  Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-5010-EDJ205 Datasheet(HTML) 3 Page - Vectron International, Inc

  PX-5010-EDJ205 Datasheet HTML 1Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 2Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 3Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 4Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 5Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 6Page - Vectron International, Inc PX-5010-EDJ205 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Additional Parameters
Parameter
Min
Typ
Max
Uniits
Condition
Phase Noise
-80
dBc/Hz
10
Hz
@125 MHz
-115
dBc/Hz
100
Hz
PECL
-135
dBc/Hz
1
kHz
3,3V
-141
dBc/Hz
10
kHz
-141
dBc/Hz
100
kHz
Jitter
0,6
ps RMS
@ 12 kHz to 20 MHz
Parameter
Min
Typ
Max
Units
Condition
Phase Noise
-62
dBc/Hz
10
Hz
@400 MHz
-93
dBc/Hz
100
Hz
PECL
-124
dBc/Hz
1
kHz
3,3V
-142
dBc/Hz
10
kHz
-143
dBc/Hz
100
kHz
Jitter
0,2
ps RMS
@ 12 kHz to 20 MHz
Weight
2
g
Processing & Packing
handling & processing note
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
7
V
Operable temperature range
-30
+80
°C
Storage temperature range
-40
+90
°C
PX-501 page: 3/7


Similar Part No. - PX-5010-EDJ205

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-501 VECTRON-PX-501 Datasheet
1Mb / 6P
   Clock Oscillator
logo
List of Unclassifed Man...
PX-501 ETC1-PX-501 Datasheet
3Mb / 2P
   INSTRUCTION MANUAL
More results

Similar Description - PX-5010-EDJ205

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com