Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-4001-DCE-256 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-4001-DCE-256
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-4001-DCE-256 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-4001-DCE-256 Datasheet HTML 1Page - Vectron International, Inc TX-4001-DCE-256 Datasheet HTML 2Page - Vectron International, Inc TX-4001-DCE-256 Datasheet HTML 3Page - Vectron International, Inc TX-4001-DCE-256 Datasheet HTML 4Page - Vectron International, Inc TX-4001-DCE-256 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Specifications
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
RF Output
Signal
HCMOS
Load
13.5
15
16.5
pF
Signal Level (Vol)
+0.5
+0.3
V
with Vs=5.0V and 15pF load
with Vs=3.3V and 15pF load
Signal Level (Voh)
4.5
3.0
V
with Vs=5.0V and 15pF load
with Vs=3.3V and 15pF load
Duty cycle
40
50
60
%
@ (Voh-Vol)/2
Signal
Clipped Sinewave
Load R
9
10
11
kohm
|| C
9
10
11
pF
Output Power
0.7
Vpp
@ 10Kohm||10pF
Signal
PECL
Load
50
ohm
Signal Level (Vol)
-1.6
V
Signal Level (Voh)
-1.04
V
Duty cycle
40
60
%
Rise/Fall Time
3
ns
Signal
Sinewave
Load
50
ohm
Output Power
0
6
dBm
Harmonics
-20
dBc
Spurious
-60
dBc
Frequency Tuning (EFC)
Tuning Range
Fixed Frequency
Initial Accuracy ±2.5 ppm @ +25°C
Tuning Range
±8.0
±12.0
±20.0
ppm
Linearity
10
%
Tuning Slope
Positive
Control Voltage Range
0.3
0.5
1.65
2.5
3.0
4.5
VDC
VDC
with Vs=3.3VDC
with Vs=5.0VDC
Freq. control input impedance
10
kohm
Additional Parameters1
Phase Noise3 (@ 40 MHz)
-90
-120
-140
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
Weight
6.0
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Supply voltage (Vs)
6.0
V
Control Voltage
0
Vs
V
Maximum output load @ CMOS
50
pF
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C


Similar Part No. - TX-4001-DCE-256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-400 VECTRON-TX-400 Datasheet
363Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-4001-DCE-256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com