Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-4001-EBC-B Datasheet(PDF) 4 Page - Vectron International, Inc

Part # PX-4001-EBC-B
Description  Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-4001-EBC-B Datasheet(HTML) 4 Page - Vectron International, Inc

  PX-4001-EBC-B Datasheet HTML 1Page - Vectron International, Inc PX-4001-EBC-B Datasheet HTML 2Page - Vectron International, Inc PX-4001-EBC-B Datasheet HTML 3Page - Vectron International, Inc PX-4001-EBC-B Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 4/17/2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.
PX - 400 0 - A A T - F K X S - 10M0000000
Product Family
PX: PXO
Package
13 x 20 mm
Height
0: A 0.2” (4 pin)
1: A 0.2” (14 pin)
Supply Voltage
D: 5 Vdc
E: 3.3 Vdc
N: -5.2 Vdc
R: -4.5 Vdc
Accuracy Code
B: ±10ppm
D: ±15ppm
F: ±25ppm
K: ±50ppm
Frequency
Screening Option
S: “S” Level screening
B: “B” Level screening
X: No Screening
RF Output Code
A: HCMOS, ACMOS
B: TTL
C: ECL, PECL, LVPECL
Temperature Range
A: -55°C to +85°C
C: -55°C to +125°C
P: 0°C to +50°C
T: 0°C to +70°C
Stability Code
A: ±5ppm
B: ±10ppm
F: ±25ppm
K: ±50ppm
S: ±100ppm
Enable Code
X: No Option


Similar Part No. - PX-4001-EBC-B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
   High Temperature Crystal Oscillator
PX-421 VECTRON-PX-421 Datasheet
1Mb / 8P
   Crystal Oscillator
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FB VECTRON-PX-4220-DAA-FB Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
More results

Similar Description - PX-4001-EBC-B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com