Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-4001-RAC-B Datasheet(PDF) 2 Page - Vectron International, Inc

Part # PX-4001-RAC-B
Description  Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-4001-RAC-B Datasheet(HTML) 2 Page - Vectron International, Inc

  PX-4001-RAC-B Datasheet HTML 1Page - Vectron International, Inc PX-4001-RAC-B Datasheet HTML 2Page - Vectron International, Inc PX-4001-RAC-B Datasheet HTML 3Page - Vectron International, Inc PX-4001-RAC-B Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
RF Output
Signal
ACMOS, HCMOS
Signal
TTL
“0” Level
0.4
V
“1” Level
2.4
V
Rise/Fall Time
2
15
5
ns
ns
@ (0.5-2.4V), <= 20 MHZ
@ (0.5-2.4V), > 20 MHZ
Symmetry
45
40
55
60
%
%
@+1.5 V, < 4 MHZ
@+1.5 V, >= 4 MHZ
Screen Testing of Above Models
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS X
CLASS B
CLASS S
Stabilization Bake (150°C)
X
X
Class S screen test requirements include 24
hour additional bake-out, 80 hour additional
burn-in, thermal shock, PIND test and radio-
graphic inspection in addition to Class B Screen-
ing. Has major cost impact.
Seal Test (Gross and Fine)
1014, Cond A2
X
X
Temperature Cycling (Thermal Shock)
1010, Cond B
X
Burn-in, operating 160 hours @125°C
X
Acceleration (5000g in Y1 axis)
2001, Cond A
X


Similar Part No. - PX-4001-RAC-B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
   High Temperature Crystal Oscillator
PX-421 VECTRON-PX-421 Datasheet
1Mb / 8P
   Crystal Oscillator
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FB VECTRON-PX-4220-DAA-FB Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
More results

Similar Description - PX-4001-RAC-B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com