Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-702-ECJ-KCA Datasheet(PDF) 6 Page - Vectron International, Inc

Part # PS-702-ECJ-KCA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-ECJ-KCA Datasheet(HTML) 6 Page - Vectron International, Inc

  PS-702-ECJ-KCA Datasheet HTML 1Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 2Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 3Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 4Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 5Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 6Page - Vectron International, Inc PS-702-ECJ-KCA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Drawing & Pad Layout
Pin Out
Pin
Symbol
Function
1
NC or OE1
NC or
Enable = LV-CMOS logic 0 or Ground
Disable = LV-CMOS logic 1
**see Note 1 below**
2
NC or OE1
NC or
Enable = LV-CMOS logic 0 or Ground
Disable = LV-CMOS logic 1
**see Note 1 below**
3
GND
Case and Electrical Ground
4
Output
Output
5
COutput
Complementary Output
6
V
CC
Power Supply Voltage (3.3V ±10%)
Tape & Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Reel
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
PS-702
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
Note 1: For proper operation disable pin can not be left floating and a pin1 or pin 2 enable option must be ordered.
See page 7 for alternative input logic operation
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6 of 7
Rev: 08May2009


Similar Part No. - PS-702-ECJ-KCA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - PS-702-ECJ-KCA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com