Electronic Components Datasheet Search |
|
TX-0800-DBE-466 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
TX-0800-DBE-466 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 4 page Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition RF Output Signal HCMOS 0.5 to 160 MHz Load 10 TTL 100 k ohm // 10 pF Signal Level (Vol) +0.5 Vdc V Signal Level (Voh) 0.8 (Vdd) V Rise/Fall Time 5 ns Duty cycle 40 60 % Signal 10 TTL 0.5 to 160 MHz Load 10 TTL Signal Level (Vol) +0.5 Vdc VDC Signal Level (Voh) +2.4 Vdc VDC Rise/Fall Time 10 ns Duty cycle 40 60 % Signal Sinewave 3.0 to 100 MHz Load 50 ohm Output Power (Standard) 0.0 +3.0 +6.0 dBm 50 ohm load Harmonics -20 dBc Spurious -60 dBc Signal (custom number required) Sinewave 3.0 to 100 MHz (+12 Vdc only) Load 50 ohm Output Power (Option) +7 +13.0 dBm 50 ohm load Harmonics -20 dBc Spurious -80 dBc Frequency Tuning (EFC) Tuning Range Fixed; No adjust Tuning Range ±3.0 ppm via internal mechanical adjust positive slope Tuning Range ±3.0 ppm via external voltage, 0 to +5 Vdc Additional Parameters1 Phase Noise3 (10 MHz, +12 Vdc, J - Output) -110 -135 -150 -155 dBc/Hz dBc/Hz dBc/Hz dBc/Hz 10 Hz 100 Hz 1 kHz 10 kHz |
Similar Part No. - TX-0800-DBE-466 |
|
Similar Description - TX-0800-DBE-466 |