Electronic Components Datasheet Search |
|
OX-0600-BEJ-509 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
OX-0600-BEJ-509 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 4 page Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition RF Output Signal (standard) HCMOS Load 15 pF Signal Level (Vol) 0.5 V with 15pF load Signal Level (Voh) 4.5 V with 15pF load Duty cycle 40 60 % @ (Voh-Vol)/2 Signal (Option) Sinewave Load 50 ohm Output Power +5.0 +7.0 +9.0 dBm 50 ohm load Harmonics -30 dBc 50 ohm load Frequency Tuning (EFC) Tuning Range ±0.3 ±0.6 ±1.0 ppm Linearity 20 % Tuning Slope Positive Control Voltage Range 0.0 2.5 5.0 VDC Additional Parameters1 Reference Voltage 4.7 4.9 5.1 VDC Phase Noise3 (@ 10 MHz) -95 -125 -145 -150 -155 dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz 1 Hz 10 Hz 100 Hz 1 kHz 10 kHz Weight 53.0 g Processing & Packing Handling & processing note Absolute Maximum Ratings Supply voltage (Vs) 28.0 V Output Load 50 25 pF ohm with HCMOS signal with Sinewave signal Operable temperature range -55 +85 °C Storage temperature range -55 +125 °C |
Similar Part No. - OX-0600-BEJ-509 |
|
Similar Description - OX-0600-BEJ-509 |