Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4PH301 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PH301
Description  Multi Purpose Axial Leaded Glass PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PH301 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4PH301 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PH301 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PH301 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PH301 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PH301 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PH301 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Multi Purpose Axial Leaded Glass PIN Diodes
RoHs Compliant
Rev. V6
Axial Leaded Glass PIN Diodes
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RS vs. IF @ TAMB = +25°C


Similar Part No. - MA4PH301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PH151 MACOM-MA4PH151 Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
MA4PH235 MACOM-MA4PH235 Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA4PH235-1072T MA-COM-MA4PH235-1072T Datasheet
375Kb / 7P
   Packaged PIN Diodes RoHS Compliant
logo
Tyco Electronics
MA4PH236 MACOM-MA4PH236 Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA4PH236-1072T MA-COM-MA4PH236-1072T Datasheet
375Kb / 7P
   Packaged PIN Diodes RoHS Compliant
More results

Similar Description - MA4PH301

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-002811-00540T MA-COM-MADS-002811-00540T Datasheet
64Kb / 2P
   Multi Purpose Axial Leaded Glass Schottky Diodes
MADS-002811-00540T MA-COM-MADS-002811-00540T_15 Datasheet
64Kb / 2P
   Multi Purpose Axial Leaded Glass Schottky Diodes
logo
Knox Semiconductor, Inc
KSV2101 KNOX-KSV2101 Datasheet
33Kb / 1P
   GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
SUNMATE electronic Co.,...
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
   AXIAL LEADED GLASS TUBE
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
PG1010 SUNMATE-PG1010 Datasheet
297Kb / 2P
   AXIAL LEADED RECTIFIER DIODES
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com