Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-4200-DET-508 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # EX-4200-DET-508
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-4200-DET-508 Datasheet(HTML) 3 Page - Vectron International, Inc

  EX-4200-DET-508 Datasheet HTML 1Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 2Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 3Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 4Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
Operable temperature range
-55
+85
°C
Storage temperature range
-55
+85
°C
Environmental Conditions
• Mechanical Shock (survive)
MIL-STD-202, Test Method 213, Condition E (100G, 0.5msec)
• Vibration Random (survive)
MIL-STD-202, Test Method 214, Condition I-H (20Grms, 3 minutes/axis)
• Vibration Sine (survive)
MIL-STD-202, Test Method 204, Condition D (20Grms, 20 minutes/axis)
• Thermal Shock (survive)
MIL-STD-202, Test Method 107, Condition A-2 (50 Cycles, -55°C to +85 °C)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Type A
Code
Height “H”
Pin Length “L”
0
7.62
5.08
Type B
Code
Height “H”
Pin Length “L”
1
8.89
NA
2
9.65
NA
Pin Connections
1
EFC \ No Connect
2
Ground (Case)
3
RF Output
4
Supply Voltage Input
Dimensions in mm (inches)
Outline Drawing / Enclosure


Similar Part No. - EX-4200-DET-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4200-DET-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com