Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-4200-DET-508 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # EX-4200-DET-508
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-4200-DET-508 Datasheet(HTML) 4 Page - Vectron International, Inc

  EX-4200-DET-508 Datasheet HTML 1Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 2Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 3Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 4Page - Vectron International, Inc EX-4200-DET-508 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Recommended Re ow Pro le
Profile Feature
Sn-Pb Assembly
Profile Feature
Sn-Pb Assembly
PRECAUTION:
Series shall not expose to temperature higher than 230°C. If exposing to temperature higher than
230°C, stability and power consumption may permanently degrade.
Average ramp-up rate (TL to Tp)
3°C/second max.
Time 25°C to Peak Temperature
4 minutes max.
Preheat -Temperature Min Tsmin)
-Temperature Min Tsmax)
-Time (min to max) (ts)
135°c
155°c
60-90 seconds
Time maintained above
- Temperature (TL)
- Time (tL)
183°C
45-60 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintained above
- Temperature (TL)
- Time (tL)
183°C
45-60 seconds
Time within 5°C of actual
Peak Temperature (tp)
10-20 seconds max.
Peak Temperature (Tp)
max 220°C
Ramp-down Rate
6°C/second max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Critical Zone
T
L to Tp
Ramp up
Ramp dow n
t 25°C to peak
Tp
TL
25
Time
Ts
Ts
ts
preheat
tp
tL


Similar Part No. - EX-4200-DET-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4200-DET-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com