Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-4202-DEJ-508 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # EX-4202-DEJ-508
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-4202-DEJ-508 Datasheet(HTML) 2 Page - Vectron International, Inc

  EX-4202-DEJ-508 Datasheet HTML 1Page - Vectron International, Inc EX-4202-DEJ-508 Datasheet HTML 2Page - Vectron International, Inc EX-4202-DEJ-508 Datasheet HTML 3Page - Vectron International, Inc EX-4202-DEJ-508 Datasheet HTML 4Page - Vectron International, Inc EX-4202-DEJ-508 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
vs. Stratum
3 per
GR-1244-
CORE
Operating Temp
Holdover
Drift
MTIE
-140
-140
-370
-4.63
+140
+140
+370
+4.63
+1
ppb
ppb
ppb
ppb
10-13/sec
ppm
-20… +70°C
-40… +85°C
24 hours
Over 7100 seconds
0.16 sec < Observe Times < 64 sec
Warm-up Time
1
1.5
minutes
minutes
to ± 100 ppb of nal frequency (1 hour) @+25°C
to ± 100ppb of nal frequency (1 hour) @-40°C
Initial Accuracy
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / 1 year
-1
-20
-10
-2.0
-300
+1
+20
+10
+2.0
+300
ppm
ppb
ppb
ppb
ppb
xed frequency, no EFC input
VS ± 5%
Load ± 5%
after 30 days of operation
after 30 days of operation
Supply Voltage (Vs)
Supply voltage (Standard)
4.75
5.0
5.25
VDC
Supply voltage (Option)
3.135
3.3
3.465
VDC
Power Consumption
1.5
0.3
0.6
Watts
Watts
Watts
during warm-up
steady state @ +25°C
steady state @ -40°C
RF Output
Signal [Standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.1
VDC
Signal Level (Voh)
0.8
VDC
Duty cycle
40
60
%
(Voh-Vol)/2
Signal [Standard]
Sinewave
Load
50
ohm
Output Power [Standard]
Output Power [Option]
0
+3
+4
+7
dBm
dBm
50 Ohm load
50 Ohm load
Harmonics
-30
dBc
50 Ohm load
Spurs
-60
dBc
50 Ohm load
Frequency Tuning (EFC) 10 to 80 MHz
Tuning Range
Fixed EMXO; No adjust
Tuning Range
±3.0
±10.0
ppm
from 0V to Vs
Linearity
20
%
Tuning Slope
Positive
Additional Parameters
Phase Noise
-100
-130
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 KHz
10 KHz
Allan Deviation
0.2
ppb
Tau = 1 sec to 10 sec
Weight
3
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Supply Voltage
5.5
VDC
Output Load
30
pF


Similar Part No. - EX-4202-DEJ-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4202-DEJ-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com