Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-702-EDJ-KAA Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PS-702-EDJ-KAA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-EDJ-KAA Datasheet(HTML) 1 Page - Vectron International, Inc

  PS-702-EDJ-KAA Datasheet HTML 1Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 2Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 3Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 4Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 5Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 6Page - Vectron International, Inc PS-702-EDJ-KAA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PS-702
SAW Based Clock Oscillator
Former Part Number SO-720
The PS-702 is a SAW Based Clock Oscillator that achieves low phase noise and very low jitter performance.
The PS-702 is housed in an industry standard 6-Pad leadless ceramic package that is hermetically sealed. Packaging options
include bulk or tape and reel.
Industry Standard Package, 5.0 x 7.5 x 2.0 mm
ASIC Technology For Ultra Low Jitter
0.100 ps-rms typical across 12 kHz to 20 MHz BW
0.120 ps-rms typical across 50 kHz to 80 MHz BW
Output Frequencies from 150 MHz to 1 GHz
3.3 V Operation
LV-PECL or LVDS Configuration with Fast Transition Times
Complementary Outputs
Output Disable Feature
Improved Temperature Stability over Standard SAW XO
Product is free of lead and compliant to EC RoHS Directive
Reference Clock for Wired and Wireless Products
Description
Standard
Features
Applications
Block Diagram
Description
PS-702
Vcc
COutput
Output
Vc
OD
Gnd
BAW
1-2-4 Gigabit Fibre Channel
10 Gigabit Fibre Channel
10GbE LAN / WAN
OC-192
SONET / SDH
INCITS 352-2002
INCITS 364-2003
IEEE 802.3ae
ITU-T G.709
GR-253-CORE Issue4
SAW
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page1 of 7
Rev: 08May2009


Similar Part No. - PS-702-EDJ-KAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - PS-702-EDJ-KAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com