Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-0600-BAJ-108 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OX-0600-BAJ-108
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-0600-BAJ-108 Datasheet(HTML) 1 Page - Vectron International, Inc

  OX-0600-BAJ-108 Datasheet HTML 1Page - Vectron International, Inc OX-0600-BAJ-108 Datasheet HTML 2Page - Vectron International, Inc OX-0600-BAJ-108 Datasheet HTML 3Page - Vectron International, Inc OX-0600-BAJ-108 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OX-060
Oven Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Very High Stability
Low Aging
SC-Cut Crystal Standard
Frequency Range: 4 MHZ to 15 MHZ
Previous Model: C4650, 4884
Base Stations
Test Equipment
Synthesizers
Digital Switching
Features
Applications
OX-060
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-10
-7
-5
+10
+7
+5
ppb
ppb
ppb
-40… +70°C
-20… +70°C
0… +70°C
Initial Tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / 1 year
vs. aging / year (following years)
Warm-up Time
-250
-1.0
-1.0
-0.5
-50
-30
+250
+1.0
+1.0
+0.5
+50
+30
10
ppb
ppb
ppb
ppb
ppb
ppb
minutes
at time of shipment, nominal EFC
Vs ± 5%
Load ± 5%
after 72 hours of operation
after 72 hours of operation
to ± 10ppb of nal frequency
(1 hour reading) @ +25°C
Supply Voltage (Vs)
Supply voltage (Standard)
11.4
12.0
12.6
VDC
Supply voltage (Option)
14.25
15.0
15.75
VDC
Power consumption
6.0
1.5
Watts
Watts
during warm-up
steady state @ +25°C
Performance Speci cations


Similar Part No. - OX-0600-BAJ-108

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-029 VECTRON-OX-029 Datasheet
96Kb / 3P
   Log fit IAW MIL-PRF-55310, Log projection
OX-029-0005-10M23000 VECTRON-OX-029-0005-10M23000 Datasheet
96Kb / 3P
   Log fit IAW MIL-PRF-55310, Log projection
OX-0410-AAD-108 VECTRON-OX-0410-AAD-108 Datasheet
340Kb / 5P
   Oven Controlled Crystal Oscillator
OX-0410-AAE-108 VECTRON-OX-0410-AAE-108 Datasheet
340Kb / 5P
   Oven Controlled Crystal Oscillator
OX-0410-AAJ-108 VECTRON-OX-0410-AAJ-108 Datasheet
340Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-0600-BAJ-108

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com