Electronic Components Datasheet Search |
|
OX-2201-DAE-108 Datasheet(PDF) 4 Page - Vectron International, Inc |
|
OX-2201-DAE-108 Datasheet(HTML) 4 Page - Vectron International, Inc |
4 / 5 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Page 4 of 5 Standard Shipping Method (OX-220 / OX -221) Enclosure Type Tape Width W (mm) Quantity per meter Quantity per reel Dimension P OX-220 (7.8mm) 44 37.5 280 32 OX-220 (12.1mm) 44 37.5 175 28 OX-220 (15mm) 44 37.5 120 28 OX-221 (13.2mm) 44 37.5 120 28 Recommended Reflow Profile Profile Feature Pb-Free Assembly/ Sn-Pb Assembly Profile Feature Pb-Free Assembly/ Sn-Pb Assembly Average ramp-up rate (T L to T P ) 3°C/second max. Time 25°C to Peak Temperature 8 minutes max. Preheat -Temperature Min T Smin -Temperature Min T Smax -Time (min to max) t S 150°C 200°C 60-180 seconds Time maintained above -Temperature (T L ) -Time (t L ) 217°C 60-150 seconds TSmax to TL -Ramp-up Rate 3°C/second max Time maintained above -Temperature (T L ) -Time (t L ) 217°C 60-150 seconds Time within 5°C of actual Peak Temperature (t P ) 20-40 seconds Peak Temperature (T P ) max 260°C Ramp-down Rate 6°C/ second max Note: All temperatures refer to topside of the package, measured on the package body surface. *bei W ≤ 24 mm nur untere Lochreihe ∗by W ≤ 24 mm only lower hole line Gurtoberseite Tape upper side Gurtunterseite Tape buttom side Abwickelrichtung Unwinding direction Lage im Gurt Position in tape Pin 1 A X P B K |
Similar Part No. - OX-2201-DAE-108 |
|
Similar Description - OX-2201-DAE-108 |