Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-702-EDE-SLM Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-702-EDE-SLM
Description  Low Jitter VCSO Frequency Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-702-EDE-SLM Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-702-EDE-SLM Datasheet HTML 1Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 2Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 3Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 4Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 5Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 6Page - Vectron International, Inc FX-702-EDE-SLM Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
2 of 7
1. See Standard Frequencies and Ordering Information.
2. Parameters are tested with production test circuit below (Fig 1).
3. Parameters are tested at ambient temperature with test limits guard banded for specified operating temperature.
4. Measured from 20% to 80% of a full output swing (Fig 2).
5. Not tested in production, guaranteed by design, verified at qualification.
6. Minimum Input Low Voltage not to exceed 2.125 V. Minimum Input High Voltage not to go below 1.49 V.
7. AC coupling is recommended. There is an internal pull-up and pull-down resistor on all clock inputs (Fin, BRCLK).
Figure 1. LVPECL Test Circuit
Figure 2. 10K LVPECL Waveform
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency 1, 2, 3
Input Frequency
Output Frequency
F
IN
F
OUT
19.44
125
850
850
MHz
MHz
Capture Range (ordering option)1, 2, 3
APR
±32, ±50, or ±100
ppm
Supply
Voltage 2, 3
Current (No Load) 3
V
CC
I
CC
2.97
3.3
3.63
100
V
mA
LVCMOS Input 2, 3
Input High Voltage
Input Low Voltage
V
IH
V
IL
2.0
0
V
CC
0.8
V
V
LVPECL Input
Peal-Peak Amplitude Swing 6, 7
0.20
3.00
V
Lock Detect Output
Output High Voltage
Logic Low Voltage
V
OH
V
OL
0.9*V
CC
0.1*V
CC
V
V
Outputs
Mid Level - LVPECL 2, 3
Swing - LVPECL 2, 3
Mid Level - LVDS 2, 3
Swing - LVDS 2, 3
Current 5
Rise Time 4, 5
Fall Time 4, 5
Symmetry 2, 3
Jitter Generation - 622.08MHz output
(12kHz-20MHz BW) 5
(50kHz - 80MHz BW) 5
I
OUT
t
R
t
F
SYM
Φ
J
Φ
J
V
CC
-1.4
450
250
45
V
CC
-1.25
600
V
CC
-1.2
450
50
0.21
0.12
V
CC
-1.0
950
20
400
400
55
0.5
0.4
V
mV-pp
V
mV-pp
mA
ps
ps
%
ps-rms
ps-rms
Operating Temp (ordering option) 1, 3
T
OP
0/70, -40/85
0C
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 03Apr2009


Similar Part No. - FX-702-EDE-SLM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
More results

Similar Description - FX-702-EDE-SLM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
   Ultra-Low Jitter High Frequency VCSO
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com