Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-402-ECT-KB Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-402-ECT-KB
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-402-ECT-KB Datasheet(HTML) 8 Page - Vectron International, Inc

  FX-402-ECT-KB Datasheet HTML 1Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 2Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 3Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 4Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 5Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 6Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 7Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
F X - 4 0 2 - E C E - K A N N - XX-XX
Product Family
FX: Frequency Translator
Package
402: 20.3 13.0 5.1mm
Input
E: 3.3 Vdc ±10%
Output
C: LVPECL
D: LVDS
Operating Temperature
E: -40 to 85 °C
T: 0 to 70 °C
Absolute Pull Range
K: ± 50 ppm
S: ± 100 ppm
Input Frequency
(See Above)
Factory Use
Factory Use
Output Frequency
(See Above)
Output 2 Divider
A: Divide by 1
B: Divide by 2
C: Divide by 4
K: Disabled
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 8 of 8
Rev: 8/13/2009
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881


Similar Part No. - FX-402-ECT-KB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-400 VECTRON-FX-400 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAE-S VECTRON-FX-400-EAE-S Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAT-K VECTRON-FX-400-EAT-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAT-S VECTRON-FX-400-EAT-S Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results

Similar Description - FX-402-ECT-KB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com