Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-400-ECT-S Datasheet(PDF) 5 Page - Vectron International, Inc

Part # FX-400-ECT-S
Description  Low Jitter Frequency Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-400-ECT-S Datasheet(HTML) 5 Page - Vectron International, Inc

  FX-400-ECT-S Datasheet HTML 1Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 2Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 3Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 4Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 5Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 6Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 7Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 8Page - Vectron International, Inc FX-400-ECT-S Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 5 of 9
Table 7. Pin Functions
Pin #
Symbol
I/O
Level
Function
1
SEL0
I
LVCMOS
Frequency Select * (See Table 8)
2
SEL1
I
LVCMOS
Frequency Select * (See Table 8)
3
GND
GND
Supply
Case and Electrical Ground
4
Not present
5
VMON
O
VCXO Control Voltage Monitor
Under locked conditions VMON should be > 0.3V and <3.0V. The input frequency may
be out of range if the voltage exceeds these levels
6
OD
I
LVCMOS
Output Disable
Disabled = Logic “1”
Enabled = Logic “0” or no connect
7
GND
GND
Supply
Case and Electrical Ground
8
FOUT
O
LCPECL. LVDS or
LVCMOS
Frequency Output
9
CFOUT
O
LVPECL, LVDS or
LVCMOS
Complementary Frequency Output – Note for LVCMOS option this pad will be tied to
GND.
10
LD
O
LVCMOS
Lock Detect
Locked = Logic “1”
Loss of Signal = Logic “0”
11
GND
GND
Supply
Case and Electrical Ground
12
GND
GND
Supply
Case and Electrical Ground
13
FIN
I
LVCMOS or
LVPECL
Input Frequency – AC Coupled
14
VCC
VCC
Supply
Power Supply Voltage (3.3 V ±5%)
* For applications requiring two to four input frequencies, Vectron will assign a unique part number and the Input Frequency versus SEL[1:0] settings will be pro-
vided in a Specification Control Drawing. For single input configurations it is recommended that SEL0 and SEL1 are tied to ground.
Pin Configuration
Rev: 01Apr2009
Table 8. Control Logic (LVCMOS)
SEL0
SEL1
Reference Clock Input
00
F
1
01
F
2
10
F
3
11
F
4
Figure 6. Pin Configuration


Similar Part No. - FX-400-ECT-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-400 VECTRON-FX-400 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
More results

Similar Description - FX-400-ECT-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com