Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-400-EAE-S Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-400-EAE-S
Description  Low Jitter Frequency Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-400-EAE-S Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-400-EAE-S Datasheet HTML 1Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 2Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 3Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 4Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 5Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 6Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 7Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 8Page - Vectron International, Inc FX-400-EAE-S Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1. See Standard Frequencies and Ordering Information.
2. Parameters are tested with production test circuit below (Fig 2).
3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature.
4. Measured from 20% to 80% of a full output swing (Fig 3).
5. Not tested in production, guaranteed by design, verified at qualification.
6. The FX-400 phase noise and jitter performance can be optimized for specific applications. Please consult with Vectron’s Application Engineers
for more information.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 9
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency 1, 2, 3
Input Frequency
Capture Range
Output Frequency
F
IN
APR
F
OUT
0.008
±40
1.544
800
1000
MHz
ppm
MHz
Supply
Voltage 2, 3
Current (No Load)3
V
CC
I
CC
3.13
3.3
60
3.46
100
V
mA
Input Signal 2, 3
LVCMOS
LVDS
LVPECL
F
IN
F
IN
F
IN
CMOS
LVDS
LVPECL
LVCMOS Output (Option A) 2, 3
LVCMOS
Differential Output (Options C and D) 2, 3, 4, 5
Mid Level - LVPECL
Swing - LVPECL
Mid Level - LVDS
Swing - LVDS
Rise Time
Fall Time
Symmetry
t
R
t
F
SYM
V
CC
-1.4
450
V
CC
-2.4
250
45
V
CC
-1.25
600
V
CC
-2.3
410
0.5
0.5
50
V
CC
-1.0
950
V
CC
-2.5
450
55
V
mV p-p
V
mV p-p
ns
ns
%
SSB Phase Noise, Fout = 155.52/622.08 5, 6
10Hz Offset
100Hz Offset
1kHz Offset
10kHz Offset
100kHz Offfset
1 MHz Offset
10 MHz Offset
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
-64/-27
-95/-55
-123/-123
-143/-110
-146/-130
-146/-146
-146/-146
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Jitter Generation 5, 6
155.52 MHz (12kHz - 20MHz BW)
622.08 MHz (12kHz - 20 MHz BW)
Φ
J
Φ
J
0.30
0.12
ps RMS
ps RMS
Operating Temperature (Options T of E) 1 ,3
T
OP
0 to 70 or -40 to 85
0C
Rev: 01Apr2009


Similar Part No. - FX-400-EAE-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-400 VECTRON-FX-400 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
More results

Similar Description - FX-400-EAE-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com