Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-2000-EEJ-208 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # EX-2000-EEJ-208
Description  Evacuated Miniature Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-2000-EEJ-208 Datasheet(HTML) 2 Page - Vectron International, Inc

  EX-2000-EEJ-208 Datasheet HTML 1Page - Vectron International, Inc EX-2000-EEJ-208 Datasheet HTML 2Page - Vectron International, Inc EX-2000-EEJ-208 Datasheet HTML 3Page - Vectron International, Inc EX-2000-EEJ-208 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
Initial Tolerance (for xed frequency)
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / 1 year
vs. aging / 10 year
vs. aging / 10 year
vs. aging / 10 year
-1.0
-10
-10
-2.0
-200
-1000
-1500
-2000
+1.0
+10
+10
+2.0
+200
+1000
+1500
+2000
ppm
ppb
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 7 days of operation
10 to <12MHz
12 to <16MHz
16 to 20MHz
Warm-up Time
90
120
seconds
seconds
to ± 1ppm of nal frequency @+25°C
to ± 100ppb of nal frequency @+25°C
Supply Voltage (Vs)
Supply voltage (Standard)
4.75
5.0
5.25
VDC
Supply voltage (Option)
3.135
3.3
3.465
VDC
Power Consumption
2.5
0.7
Watts
Watts
during warm-up
steady state @ +25°C
RF Output
Signal [Standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.1
VDC
Signal Level (Voh)
0.9
VDC
Rise/Fall Time
+7
ns
(10-90%)
Duty cycle
40
60
%
(Voh-Vol)/2
Signal [Option]
Sinewave
Load
50
ohm
Output Power (Standard)
0
+1.5
+3.0
dBm
50 ohm load
Output Power (Option)
+3.0
+4.5
+6.0
dBm
50 ohm load
Harmonics
-25
dBc
Sub-Harmonics
-60
dBc
Frequency Tuning (EFC)
Tuning Range
Fixed; No adjust
Tuning Range
Su cient to compensate for 10
years aging
EFC (0V to 4Vdd)
Additional Parameters
Phase Noise @ 10 MHz
-100
-130
-140
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
G-Sensitivity
1
ppb/g
Test at 10g sine vibration at 100Hz
Allan Deviation
0.2
ppb
Tau = 1 sec
Environmental Conditions (Designed to meet)
• Mechanical Shock (survive)
MIL-STD-202, Test Method 213, Condition E (100G, 0.5msec)
• Vibration Random (survive)
MIL-STD-202, Test Method 214, Condition I-H (20Grms, 3 minutes/axis)
• Vibration Sine (survive)
MIL-STD-202, Test Method 204, Condition D (20Grms, 20 minutes/axis)
• Thermal Shock (survive)
MIL-STD-202, Test Method 107, Condition A-2 (50 Cycles, -55°C to +85 °C)


Similar Part No. - EX-2000-EEJ-208

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-2000-EEJ-208

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com