Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-402-ECE-KA Datasheet(PDF) 1 Page - Vectron International, Inc

Part # FX-402-ECE-KA
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-402-ECE-KA Datasheet(HTML) 1 Page - Vectron International, Inc

  FX-402-ECE-KA Datasheet HTML 1Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 2Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 3Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 4Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 5Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 6Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 7Page - Vectron International, Inc FX-402-ECE-KA Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FX-402
Low Jitter Frequency Translator
Previous Part Number FX-427
The FX-402 is a precision quartz-based frequency translator used to translate 1 to 4 selected input clocks as low as 8 kHz to an
integer multiple as high as 850 MHz. The FX-402’s superior jitter performance is achieved through the filtering action of the on-
board voltage-controlled SAW oscillator (VCSO) and integrated loop filter. Two low-jitter outputs are provided. Monitoring and
control functionality are also standard features.
Quartz-based PLL for Ultra-Low Jitter
Frequency Translation up to 850 MHz
Accepts 4 externally-muxed clock inputs
LVCMOS/LVDS/LVPECL Inputs Compatible
Differential LVPECL Outputs
Lock Detect
Output Disable
20.3 x 13.7 x 5.1 mm surface mount package
Compliant to EC RoHS Directive
Wireless Infrastructure
802.16 BTS
10 Gigabit FC
10GbE LAN / WAN
OADM and IP Routers
Test Equipment
Features
Applications
Block Diagram
Description
FX-402
Phase
Detector
& LD
Loop Filter
VCSO
÷
÷
LD
(7)
Figure 1. Functional block diagram
FIN
(13)
(8)
FOUT
1
VCC
(14)
VMON
(5)
OD
(6)
GND
(3, 12)
μ Controller
÷
(9)
CFOUT
1
(10)
FOUT
2
(11)
CFOUT
2
SEL0 (1)
SEL1 (2)
FIN
1
FIN
2
FIN
4
FIN
3
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 8
Rev: 8/13/2009


Similar Part No. - FX-402-ECE-KA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-400 VECTRON-FX-400 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAE-S VECTRON-FX-400-EAE-S Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAT-K VECTRON-FX-400-EAT-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
FX-400-EAT-S VECTRON-FX-400-EAT-S Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results

Similar Description - FX-402-ECE-KA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com