Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V654IV80 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16V654IV80
Description  2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V654IV80 Datasheet(HTML) 1 Page - Exar Corporation

  XR16V654IV80 Datasheet HTML 1Page - Exar Corporation XR16V654IV80 Datasheet HTML 2Page - Exar Corporation XR16V654IV80 Datasheet HTML 3Page - Exar Corporation XR16V654IV80 Datasheet HTML 4Page - Exar Corporation XR16V654IV80 Datasheet HTML 5Page - Exar Corporation XR16V654IV80 Datasheet HTML 6Page - Exar Corporation XR16V654IV80 Datasheet HTML 7Page - Exar Corporation XR16V654IV80 Datasheet HTML 8Page - Exar Corporation XR16V654IV80 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16V654/654D
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
SEPTEMBER 2007
REV. 1.0.2
GENERAL DESCRIPTION
The XR16V6541 (V654) is an enhanced quad
Universal Asynchronous Receiver and Transmitter
(UART) each with 64 bytes of transmit and receive
FIFOs, programmable transmit and receive FIFO
trigger levels, automatic hardware and software flow
control, and data rates of up to 16 Mbps at 4X
sampling rate. Each UART has a set of registers that
provide the user with operating status and control,
receiver error indications, and modem serial interface
controls.
An internal loopback capability allows
onboard diagnostics. The V654 is available in a 48-
pin QFN, 64-pin LQFP, 68-pin PLCC, 80-pin LQFP
and 100-pin QFP packages. The 64-pin and 80-pin
packages only offer the 16 mode interface, but the
48, 68 and 100 pin packages offer an additional 68
mode interface which allows easy integration with
Motorola processors.
The XR16V654IV (64-pin)
offers
three
state
interrupt
output
while
the
XR16V654DIV provides continuous interrupt output.
The 100 pin package provides additional FIFO status
outputs (TXRDY# and RXRDY# A-D), separate
infrared transmit data outputs (IRTX A-D) and
channel C external clock input (CHCCLK). The
XR16V654 is compatible with the industry standard
ST16C554 and ST16C654/654D.
NOTE: 1 Covered by U.S. Patent #5,649,122.
FEATURES
Pin-to-pin compatible with ST16C454, ST16C554,
TI’s TL16C754B and Philip’s SC16C654B
Intel or Motorola Data Bus Interface select
Four independent UART channels
Register Set Compatible to 16C550
Data rates of up to 16 Mbps
64 Byte Transmit FIFO
64 Byte Receive FIFO with error tags
4 Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Progammable Xon/Xoff characters
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Full modem interface
2.25V to 3.6V supply operation
Sleep Mode with automatic wake-up
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. XR16V654 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
Data Bus
Interface
UART Channel A
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.25V to 3.6V VCC
GND
654 BLK
TXB, RXB, IRTXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
CHCCLK
TXRDY# A-D
RXRDY# A-D
UART Channel C
(same as Channel A)
TXA, RXA, IRTXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, IRTXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, IRTXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD
CLKSEL
* 5 Volt Tolerant Inputs
(Except XTAL1 input)


Similar Part No. - XR16V654IV80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654IV80 EXAR-XR16V654IV80 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - XR16V654IV80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com