Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2750IM Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V2750IM
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2750IM Datasheet(HTML) 4 Page - Exar Corporation

  XR16V2750IM Datasheet HTML 1Page - Exar Corporation XR16V2750IM Datasheet HTML 2Page - Exar Corporation XR16V2750IM Datasheet HTML 3Page - Exar Corporation XR16V2750IM Datasheet HTML 4Page - Exar Corporation XR16V2750IM Datasheet HTML 5Page - Exar Corporation XR16V2750IM Datasheet HTML 6Page - Exar Corporation XR16V2750IM Datasheet HTML 7Page - Exar Corporation XR16V2750IM Datasheet HTML 8Page - Exar Corporation XR16V2750IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
XR16V2750
4
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
REV. 1.0.3
RXRDYB#
-
18
O
UART channel B Receiver Ready (active low). This output provides the
RX FIFO/RHR status for receive channel B. See
Table 2. If it is not
used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
5
7
O
UART channel A Transmit Data or infrared encoder data. Standard
transmit and receive interface is enabled when MCR[6] = 0. In this
mode, the TX signal will be HIGH during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In the
Infrared mode, the inactive state (no data) for the Infrared encoder/
decoder interface is LOW. If it is not used, leave it unconnected.
RXA
4
5
I
UART channel A Receive Data or infrared receive data. Normal receive
data input must idle HIGH. The infrared receiver pulses typically idles at
LOW but can be inverted by software control prior going in to the
decoder, see MCR[6] and FCTR[2]. If this pin is not used, tie it to VCC
or pull it high via a 100k ohm resistor.
RTSA#
23
33
O
UART channel A Request-to-Send (active low) or general purpose out-
put. This output must be asserted prior to using auto RTS flow control,
see EFR[6], MCR[1], FCTR[1:0], EMSR[5:4] and IER[6]. For auto
RS485 half-duplex direction control, see FCTR[3] and EMSR[3].
CTSA#
25
38
I
UART channel A Clear-to-Send (active low) or general purpose input.
It can be used for auto CTS flow control, see EFR[7], and IER[7]. This
input should be connected to VCC when not used.
DTRA#
-
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose
output. If it is not used, leave it unconnected.
DSRA#
-
39
I
UART channel A Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDA#
-
40
I
UART channel A Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIA#
-
41
I
UART channel A Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
OP2A#
-
32
O
Output Port 2 Channel A - The output state is defined by the user and
through the software setting of MCR[3]. INTA is set to the active mode
and OP2A# output LOW when MCR[3] is set to a logic 1. INTA is set to
the three state mode and OP2A# output HIGH when MCR[3] is set to a
logic 0. See MCR[3]. If INTA is used, this output should not be used as
a general output else it will disturb the INTA output functionality.
TXB
6
8
O
UART channel B Transmit Data or infrared encoder data. Standard
transmit and receive interface is enabled when MCR[6] = 0. In this
mode, the TX signal will be HIGH during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In the
Infrared mode, the inactive state (no data) for the Infrared encoder/
decoder interface is LOW. If it is not used, leave it unconnected.
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750IM EXAR-XR16V2750IM Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750IM EXAR-XR16V2750IM Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com