Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM59128 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

Part # SM59128
Description  8-Bits Micro-controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59128 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM59128 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SyncMOS Technologies International, Inc.
SM59128
8-Bits Micro-controller
Embedded 128KB flash & 1KB RAM & IIC & SPWM
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M027Ver: B SM59128
06/2009
1
Product List
SM59128C25, 25MHz 128KB internal flash MCU
SM59128C40, 40MHz 128KB internal flash MCU
Description
The SM59128 series product is an 8-bit single chip
microcontroller embedded with 128KB on-chip flash with
In-System Programming (ISP) capability and
1024 bytes RAM. It is a derivative of the 8052 microcontroller
family. In addition, SM59128 has IIC interface which is
compatible with standard VESA DDC/CI and built in 4-channel
SPWM. User can access on-chip expanded RAM by its ‘bank
mapping direct addressing mode’ scheme. With its hardware
features and powerful instruction sets, it’s straight forward to
make it a versatile and cost effective controller for those
applications which demand up to 32 I/O pins for PDIP package or
up to 36 I/O pins for PLCC or QFP package, or applications
which need up to 64K bytes flash memory for program and/or for
data.
To program the on-chip flash memory, commercial writers are
available by parallel programming method. On the other hand,
the on-chip flash memory can be programmed through either
parallel or serial interface with its ISP feature.
Ordering Information
yymmv
SM59128ihhkL
yy: year, mm: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L: PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad Configuration
P
40L PDIP
Page 2
J
44L PLCC
Page 3
Q
44L QFP
Page 4
Features
Working Voltage: 4.5V to 5.5 V
General 8052 family compatible
12 clocks per machine cycle
128K bytes on-chip flash with In-System Programming
(ISP) capability
IIC (Two wire serial bus) interface compliant with VESA
DDC 2B/2Bi/2B+ standard
On-chip 1024 bytes RAM
Three 16-bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for PLCC or
QFP package
Full duplex serial channel
Bit operation instruction
Temperature range of Industrial level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power-Saving mode: Idle mode and Power-down
mode
Code protection function
Low EMI (inhibit ALE)
Reset with address $0000 blank initiate ISP service
program
Configurable ISP service program space with N*512
bytes (N=0 to 8) size
4-channel SPWM function
Flash Memory Endurance : 100K erase and write
cycles each byte at TA=25℃
Flash Memory Data Retention :10 years
Taiwan
6F, No.10-2
Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


Similar Part No. - SM59128

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
   compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902 NPC-SM5902 Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
   Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
   compression and non compression type shock-proof memory controller
More results

Similar Description - SM59128

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com