Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFC114133-5 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # MFC114133-5
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

MFC114133-5 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  MFC114133-5 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION MFC114133-5 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION MFC114133-5 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1140 - 1330 MHz
OPTIMIZED BANDWIDTH
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: MFC114133-5
FEATURES:
Low Phase Noise Performance
Fast Tuning
Ideal for PLL Applications
Small Size, Surface Mount
Lead Free REL-PRO® Technology
Phase Noise
-165
-155
-145
-135
-125
-115
-105
-95
-85
-75
-65
-55
-45
100
1000
10000
100000
1000000 10000000
Offset Frequency (Hz)
1144.1MHz/1.49V
1184MHz/2.91V
1229.8MHz/4.5V
1367.6MHz/10V
SPECIFICATIONS (Rev B 07/03/07)
Frequency
1140 - 1330 MHz
Tuning Voltage (Full Band)
0.5 - 10 VDC
Bias Voltage
+5 VDC @ 35 mA (Max)
Output Power
+3 dBm (Min)
Tuning Sensitivity
20 - 30 MHz/V (Typ)
Output Impedance
50 Ohms (Nom)
Harmonic Suppression
20 dBc (Typ)
Frequency Pulling
3 MHz (Typ @ 1.75:1 VSWR)
Frequency Pushing
1 MHz/V (Typ)
Phase Noise @ 10 kHz
-105 dBc/Hz (Typ)
Operating Temperature
Range
-40 to +85 °C
Guaranteed Tuning Specifications
Tuning Voltage ( V )
Frequency ( MHz )
0.5
1140 (Max)
5
1220 (Min)
8
1280 (Min)
10
1330 (Min)
Package #
278LF


Similar Part No. - MFC114133-5

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
MFC1000 CONEXANT-MFC1000 Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
logo
SYNERGY MICROWAVE CORPO...
MFC102110-5 SYNERGY-MFC102110-5 Datasheet
522Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1223-12 SYNERGY-MFC1223-12 Datasheet
526Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC138165-5 SYNERGY-MFC138165-5 Datasheet
277Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Arch Electronics Corp.
MFC15 ARCH-MFC15 Datasheet
314Kb / 4P
   Switching Power Module for PCB Mountable
More results

Similar Description - MFC114133-5

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com