Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCW1631G-120STR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SCW1631G-120STR
Description  Instrument Laser Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SCW1631G-120STR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SCW1631G-120STR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SCW1631G-120STR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0034 Rev. B 1/13/09
Laser Diode Incorporated’s High Power SMF coupled laser modules are designed to meet the performance
demands of the optical test equipment marketplace. The high peak optical power SCW Series lasers serve
1310nm through 1650nm wavelengths and are available in fully hermetic laser welded 14 pin DIP or 14 Pin
Butterfly packages or a 3 pin coaxial package. The 14 pin packaged lasers can include both TEC and
temperature sensing thermistors for superior wavelength stability over a wide temperature range.
Characteristics w/TEC:
Ta = -30
o to 70o C; TId = +25o C
Conditions: Pw = 10 μs; D/C = 1%
w/o TEC:
Ta = +25
o C
Parameters
Symbol
1330 Series
1530 Series
1630 Series
1650 Series
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Optical Power (Fiber)
P
120
100
100
100
mW
Forward Current
If
1000
1000
1000
1000
mA
Threshold Current
Ith
30
35
45
45
mA
Forward Voltage
Vf
2
2
2
2
V
Center Wavelength
λ
1290
1310
1330
1530
1550
1570
1615
1625
1635
1640
1650 1665
nm
Spectral Width (RMS)
Δλ
8
10
12
12
nm
Cooling Capacity*
ΔΤ
45
45
45
45
oC
TEC Voltage*
Vtec
1.2
1.6
1.2
1.6
1.2
1.6
1.2
1.6
V
TEC Current*
Itec
600
800
600
800
600
800
600
800
mA
Operating Temperature
Range
Top
-30
70
-30
70
-30
70
-30
70
oC
Storage Temperature
Range
Tstg
-40
85
-40
85
-40
85
-40
85
oC
*Cooled Modules Only
Reliability data available upon request
S
SC
CW
W S
Se
erriie
es
s:: IIn
ns
sttrru
um
me
en
ntt L
La
as
se
err M
Mo
od
du
ulle
es
s
Wavelengths: 1310nm, 1550nm,
1625nm and 1650nm
High Peak Optical Power:
100 to 180mW @ 1000mA
Pw = 10 us
Duty Cycle = 1%
RoHS Compliant
Typical Applications*:
OTDR Instruments
Spectroscopy
Photon Counting
Optical Sensors
Talk Sets
*Options: Temperature controlled or
uncooled versions available.
Custom packaging available
Laser Diode Incorporated
ISO 9001:2000 Certified
MTS - LDI
4 Olsen Avenue
Edison, NJ 08820 USA
Voice (732) 549-9001
Fax:
(732) 906-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com


Similar Part No. - SCW1631G-120STR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SCW1643US-50 STANLEY-SCW1643US-50 Datasheet
425Kb / 16P
   High Flux Type LED
SCW1643US-65 STANLEY-SCW1643US-65 Datasheet
425Kb / 16P
   High Flux Type LED
More results

Similar Description - SCW1631G-120STR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
   Telecom / Datacom Laser Modules
logo
Roithner LaserTechnik G...
ADL-65074TR ROITHNER-ADL-65074TR Datasheet
351Kb / 2P
   Automobile DVD Bar code readers High reliability laser instrument
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Roithner LaserTechnik G...
SQ50X34 ROITHNER-SQ50X34 Datasheet
68Kb / 1P
   Heat Sink for DPSS Laser Modules
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
   Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com