Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCT0002 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0002
Description  2 Way 0쨘 Power Divider 5 to 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCT0002 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCT0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
2 Way 0º Power Divider
5 to 1000 MHz
M/A-COM Products
Released, Rev. V4
MAPDCT0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical performance curves: TA = 25°C, Z0 = 75Ω, Pin = 0dBm
Insertion loss 2: pin 4 to pin 6
Insertion loss 1: pin 4 to pin 1
Phase balance
Amplitude balance
Return loss: Input
Isolation
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
5
204
403
602
801
1000
Frequency (MHz)
-2.0
-1.5
-1.0
-0.5
0.0
5
204
403
602
801
1000
Frequency (MHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5
204
403
602
801
1000
Frequency (MHz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
5
204
403
602
801
1000
Frequency (MHz)
-50
-40
-30
-20
-10
0
5
204
403
602
801
1000
Frequency (MHz)
-50
-40
-30
-20
-10
0
5
204
403
602
801
1000
Frequency (MHz)


Similar Part No. - MAPDCT0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
   2 Way 0쨘 Reverse Path Power Divider 5 to 100 MHz
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
   2 Way 0쨘 Reverse Path Power Divider
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
   2 Way Reverse Path Power Divider
MAPDCT0010TR MA-COM-MAPDCT0010TR Datasheet
128Kb / 3P
   2 Way 0쨘 Reverse Path Power Divider 5 to 100 MHz
MAPDCT0010 MA-COM-MAPDCT0010_15 Datasheet
128Kb / 3P
   2 Way Reverse Path Power Divider
More results

Similar Description - MAPDCT0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCT0030 MACOM-MAPDCT0030 Datasheet
152Kb / 3P
   2 Way 0쨘 Power Divider 5 to 1000 MHz
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
   2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
   2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0030 MA-COM-MAPDCT0030 Datasheet
137Kb / 3P
   2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
   2 Way Power Divider 5 to 1000 MHz
MAPD-008108-C202C0 MA-COM-MAPD-008108-C202C0 Datasheet
130Kb / 3P
   2-Way Power Divider 5 to 1000 MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
   2 Way 0쨘 Reverse Path Power Divider 5 to 100 MHz
MAPDCT0033 MA-COM-MAPDCT0033 Datasheet
104Kb / 3P
   2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com