Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSO2677-12 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCSO2677-12
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCSO2677-12 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCSO2677-12 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCSO2677-12 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCSO2677-12 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2677.306 MHz
OPTIMIZED CENTER FREQUENCY
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: DCSO2677-12
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754;
5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113
Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834;
11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright © 2008 Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
FEATURES:
Exceptional Phase Noise Performance
Small Size, Surface Mount
Lead Free REL-PRO® Technology
Planar Resonator Construction
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
2670.3MHz
2674.2MHz
2678.8MHz
SPECIFICATIONS (Rev. E 11/10/08)
Frequency
2677.306 MHz
Tuning Voltage
1 - 7 VDC
Bias Voltage
+12 VDC @ 45 mA (Max.)
Output Power
+4 dBm (Min.)
Tuning Sensitivity
1 - 2 MHz/V (Typ.)
Output Impedance
50 Ohms (Nom.)
Harmonic Suppression
29 dB (Typ.)
Frequency Pulling
0.25 MHz (Typ. @ 1.75:1 VSWR)
Frequency Pushing
0.20 MHz/V (Typ.)
Tuning Port Capacitance
50 pF (Max.)
Phase Noise @ 10 kHz
-115 dBc/Hz (Typ.)
Operating Temperature Range
-40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage
+12.5 V
Tuning Voltage
+10 V
DC Voltage Applied to RF Out
± 25 V
Package #
249LF
PORT CONFIGURATION
Tuning Voltage
RF Output
DC Supply Input
All Others
2
9
11
Ground


Similar Part No. - DCSO2677-12

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCSO2666-12 SYNERGY-DCSO2666-12 Datasheet
475Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSO2688-12 SYNERGY-DCSO2688-12 Datasheet
475Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCSO2677-12

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com