Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0015-TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0015-TR
Description  Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0015-TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0015-TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0015-TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0015-TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Cost Five-Way GMIC SMT Power Divider
1850-1990 MHz
Rev. V2
MAPDCC0015
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Reference Application Note M538 for lead-free solder reflow
recommendations.
Lead-Free, SOIC-16


Similar Part No. - MAPDCC0015-TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0015-TR MA-COM-MAPDCC0015-TR Datasheet
499Kb / 4P
   Low Cost Five-Way GMIC SMT Power Divider
More results

Similar Description - MAPDCC0015-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS55-0003 MACOM-DS55-0003 Datasheet
27Kb / 2P
   Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
DS53-0005 MACOM-DS53-0005 Datasheet
59Kb / 2P
   Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
logo
M/A-COM Technology Solu...
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
DS52-0002 MA-COM-DS52-0002 Datasheet
129Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
   Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider
logo
Tyco Electronics
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com