Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0008TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0008TR
Description  Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0008TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0008TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0008TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0008TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Cost Four-Way SMT Power
Splitter/Combiner, 1700 - 2000 MHz
Rev. V3
MAPDCC0008
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Small Size and Low Profile
• Industry Standard SOW-16 SMT Plastic Package
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 18 dB
• Typical Amplitude Balance: 0.1 dB
• Low Cost
• Typical Insertion Loss: 1.0 dB
• Lead-Free SOW-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS54-0002
Description
M/A-COM’s MAPDCC0008 is an IC-based mono-
lithic power splitter/combiner in a low cost SOW-16
plastic package. This device is ideally suited for ap-
plications where PCB real estate is at a premium
and standard packaging for automated assembly
and low cost are critical. Typical applications include
infrastructure, portables and peripheral devices
(PCMCIA cards) for wireless standards such as
GSM, AMPS, CDPD, RAM and ARDIS. Available in
tape and reel.
The MAPDCC0008 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
MAPDCC0008
Bulk Packaging
MAPDCC0008TR
1000 piece reel
MAPDCC0008-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
GND
2
GND
10
GND
3
RF2 (OUT)
11
GND
4
GND
12
RF4 (OUT)
5
RF1 (OUT)
13
GND
6
GND
14
RF3 (OUT)
7
RF IN
15
GND
8
GND
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAPDCC0008TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0008TR MA-COM-MAPDCC0008TR Datasheet
649Kb / 4P
   Low Cost Four-Way SMT Power
More results

Similar Description - MAPDCC0008TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
   Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0006 MA-COM-DS54-0006 Datasheet
77Kb / 4P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
Tyco Electronics
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
Tyco Electronics
DS54-0003 MACOM-DS54-0003 Datasheet
111Kb / 1P
   Low Cost Four-way SMT Power Splitter/Combiner, 1200 - 1660 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com