Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRS10L620 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRS10L620
Description  PCI-X to 2-SATA/1-PATA Host Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L620 Datasheet(HTML) 3 Page - Exar Corporation

  XRS10L620 Datasheet HTML 1Page - Exar Corporation XRS10L620 Datasheet HTML 2Page - Exar Corporation XRS10L620 Datasheet HTML 3Page - Exar Corporation XRS10L620 Datasheet HTML 4Page - Exar Corporation XRS10L620 Datasheet HTML 5Page - Exar Corporation XRS10L620 Datasheet HTML 6Page - Exar Corporation XRS10L620 Datasheet HTML 7Page - Exar Corporation XRS10L620 Datasheet HTML 8Page - Exar Corporation XRS10L620 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
XRS10L620 Rev 1.00
2
1/20/2009
1. XRS10L620 Revision history
This document details the revision history for XRS10L620 and its derivatives as in Table1.
Table 1. Revision History
Release Day Revision
Description
Notes
2008/09/29
0.10
Initial revision
2008/10/02
0.11
Remove target mode
2008/01/20
1.00
Release
2. Overview
XRS10L620 is a 2ch-SATA 1ch-IDE controller with PCI-X interface. It can connect up to 4
devices at the same time, 2 SATA devices and 2 IDE/ATAPI devices. With its 32-bit PCI-X
interface, it can easily with any MCU or CPU with PCI/PCI-X interface to form a powerful
subsystem connecting high speed SATA storage devices and low cost IDE HD’s and ODD’s
(optical disc drive).
The excellent compatibility of XRS10L620 with IDE HD’s and ODD’s make it especially
suitable to construct an enclosure device with both IDE HD’s and CD-ROM/DVD-ROM or
CD/DVD burners, such as external SATA/IDE raid box or CD/DVD copy machine.
The two SATA channels on the chip can function in HOST mode. They comply with SATA
Gen1 specification (Gen1 supports 1.5Gbps data rate) and Gen2 (3Gbps data rate) specification. As
for the IDE channel, the maximum transfer rate range from 16.7 MB/s to 150 MB/s. Further more,
data transfer can take place among 3 devices to PCIX bus simultaneously.


Similar Part No. - XRS10L620

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL EXAR-XRS10L120IL Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL-F EXAR-XRS10L120IL-F Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IV EXAR-XRS10L120IV Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
More results

Similar Description - XRS10L620

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
   SATA / PATA Bridge Controller Product Overview
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620_16 Datasheet
282Kb / 1P
   2 SATA-150, 2 PATA-100 supported
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
GENESYS LOGIC
GL830 GENESYS-GL830_12 Datasheet
118Kb / 5P
   USB 2.0 / PATA / SATA Bridge Controller Product Overview
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
List of Unclassifed Man...
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
Pericom Semiconductor C...
PI7C9X440SLBFDE PERICOM-PI7C9X440SLBFDE Datasheet
68Kb / 1P
   PCI Express짰 (PCIe짰) to USB짰 2.0 Host Controller
logo
Agere Systems
USS-344 AGERE-USS-344 Datasheet
850Kb / 54P
   USS-344 QuadraBus Four-Host PCI-to-USB OpenHCL Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com