Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRS10L220IV-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XRS10L220IV-F
Description  SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L220IV-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRS10L220IV-F Datasheet HTML 3Page - Exar Corporation XRS10L220IV-F Datasheet HTML 4Page - Exar Corporation XRS10L220IV-F Datasheet HTML 5Page - Exar Corporation XRS10L220IV-F Datasheet HTML 6Page - Exar Corporation XRS10L220IV-F Datasheet HTML 7Page - Exar Corporation XRS10L220IV-F Datasheet HTML 8Page - Exar Corporation XRS10L220IV-F Datasheet HTML 9Page - Exar Corporation XRS10L220IV-F Datasheet HTML 10Page - Exar Corporation XRS10L220IV-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
EXSTOR - 1 XRS10L220
7
REV. 1.02
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
3.0
FUNCTIONAL DESCRIPTION
A top-level view of the XRS10L220 is shown in Figure 3 outlining the interfaces to the device and the required
support components. The data path can be seen at the top of the device. This includes the two output transmit
and input receive paths at the top left, providing the upstream interface to the host, and the two output transmit
and input receive paths at the top right, providing the downstream interface to the target devices. The clocking,
control, and configuration interfaces are shown below the dotted line.
The XRS10L220 incorporates identical instantiations of a dual-channel Serial ATA II 3 Gbps PHY macro. This
common building block provides a uniform implementation with common characteristics and a common
register map, but provides a functional implementation of independent PHY blocks. Digital logic
implementations of Serial ATA link layer blocks along with port selector and port multiplier logic provide the
remainder of the data path within the XRS10L220. In addition, management and control interfaces including an
MDIO interface for register control, a JTAG interface for boundary scan purposes, and a resistor calibration
circuit complete the device. A block diagram of the XRS10L220 is shown in Figure 4.
FIGURE 3. XRS10L220 INTERFACES
FIGURE 4. XRS10L220 BLOCK DIAGRAM
S IT _P /N [1:0]
S IR _P/N [1:0]
D R A C T[1:0]
H B A C T
R ES E TB
P W R D N B
M D C
M D IO
R BIA S
S O T _P/N [1:0]
SO R _P/N [1:0]
C M U _R E F_P /N
X O D
X O G
TC K
TD I
TD O
TM S
TR S T
S e ria l A TA U p stream
In terfa ce to H B A s
C ontrol an d
S ta tu s
In terfa ce
C on fig uration
In te rface
S e ria l A TA D o w nstrea m
Inte rface to D evices
R efe ren ce C lock
C rysta l O scilla tor I/O
JTA G
Interfa ce
V D D A
C alib ra tio n R e sistor
49 .9
Ω ± 0.5%
P S_S ID E B AN D _B
PO R TS EL
SATA II
3GPHY
SIT0
SIR0
PORT
SELECTOR
SATA II
3GPHY
SIT1
SIR1
SATA II
LINK
LAYER
RATE
ADJUST
FIFO
SATA II
LINK
LAYER
SATA II
LINK
LAYER
SATA II
3GPHY
SOR0
SOT0
PORT
MULTIPLIER
SATA II
3GPHY
SOR1
SOT1


Similar Part No. - XRS10L220IV-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL EXAR-XRS10L210IL Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL-F EXAR-XRS10L210IL-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV EXAR-XRS10L210IV Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV-F EXAR-XRS10L210IV-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
More results

Similar Description - XRS10L220IV-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
   SATA Port Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com