Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRS10L140IV Datasheet(PDF) 2 Page - Exar Corporation

Part # XRS10L140IV
Description  SERIAL ATA II: PORT MULTIPLIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L140IV Datasheet(HTML) 2 Page - Exar Corporation

  XRS10L140IV Datasheet HTML 1Page - Exar Corporation XRS10L140IV Datasheet HTML 2Page - Exar Corporation XRS10L140IV Datasheet HTML 3Page - Exar Corporation XRS10L140IV Datasheet HTML 4Page - Exar Corporation XRS10L140IV Datasheet HTML 5Page - Exar Corporation XRS10L140IV Datasheet HTML 6Page - Exar Corporation XRS10L140IV Datasheet HTML 7Page - Exar Corporation XRS10L140IV Datasheet HTML 8Page - Exar Corporation XRS10L140IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
EXSTOR XRS10L140
2
SERIAL ATA II: PORT MULTIPLIER
REV. 1.05
APPLICATIONS
Serial ATA Enclosures
Other Serial ATA link replicator applications
Buffers for externally connected links
High density storage boxes
RAID Subsystems
APPLICATION EXAMPLE
The XRS10L140 is ideally suited for use within an external drive enclosure as a means of providing redundant
host access to ensure system availability and reliability, while enabling access to up to four target devices per
XRS10L140. This application is shown in Figure 1. Other applications for the XRS10L140 include use in fixed-
content or network attached storage systems, storage arrays, desktop applications or entry-level servers,
RAID storage or disk-to-disk backup.
FIGURE 1. SYSTEM BLOCK DIAGRAM FOR XRS10L140 IN A DRIVE ENCLOSURE APPLICATION
X R T 1 0 L 1 4 0
P O R T M U L T IP L IE R
D R IV E E N C L O S U R E
X R T 1 0 L 1 4 0
P O R T M U L T IP L IE R
S A T A
S A T A
S A T A
S A T A
S A T A
S A T A
S A T A
S A T A


Similar Part No. - XRS10L140IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL EXAR-XRS10L120IL Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL-F EXAR-XRS10L120IL-F Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IV EXAR-XRS10L120IV Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
More results

Similar Description - XRS10L140IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
logo
Adam Technologies, Inc.
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
   SERIAL ATA CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com