Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742ML Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SG6742ML
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742ML Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SG6742ML Datasheet HTML 1Page - Fairchild Semiconductor SG6742ML Datasheet HTML 2Page - Fairchild Semiconductor SG6742ML Datasheet HTML 3Page - Fairchild Semiconductor SG6742ML Datasheet HTML 4Page - Fairchild Semiconductor SG6742ML Datasheet HTML 5Page - Fairchild Semiconductor SG6742ML Datasheet HTML 6Page - Fairchild Semiconductor SG6742ML Datasheet HTML 7Page - Fairchild Semiconductor SG6742ML Datasheet HTML 8Page - Fairchild Semiconductor SG6742ML Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6742ML/MR • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
DC Supply Voltage
(1, 2)
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VSENSE
SENSE Pin Input Voltage
-0.3
7.0
V
VRT
RT Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
500
V
PD
Power Dissipation (TA<50°C)
400
mW
ΘJA
Thermal Resistance (Junction-to-Air)
141
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
Electrostatic Discharge Capability,
Human Body Model, JESD22-A114
All Pins Except HV Pin
4
kV
ESD
Electrostatic Discharge Capability,
Machine Model, JESD22-A115
All Pins Except HV Pin
200
V
Notes:
1.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
2.
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.


Similar Part No. - SG6742ML

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742ML FAIRCHILD-SG6742ML Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com