Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SVL04 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NC7SVL04
Description  TinyLogic짰 Low-ICCT Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SVL04 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NC7SVL04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 9Page - Fairchild Semiconductor NC7SVL04 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SVL04 • Rev. 1.0.3
8
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
Figure 7. 6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
L6X
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SVL04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SVL04 ONSEMI-NC7SVL04 Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
NC7SVL04FHX ONSEMI-NC7SVL04FHX Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
NC7SVL04L6X ONSEMI-NC7SVL04L6X Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
NC7SVL04P5X ONSEMI-NC7SVL04P5X Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
More results

Similar Description - NC7SVL04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SVL32 FAIRCHILD-NC7SVL32 Datasheet
546Kb / 10P
   TinyLogic짰 Low-ICCT Two-Input OR Gate
NC7SVL08 FAIRCHILD-NC7SVL08 Datasheet
628Kb / 9P
   TinyLogic짰 Low-ICCT Two-Input AND Gate
logo
ON Semiconductor
NC7SVL04 ONSEMI-NC7SVL04 Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7SP04 FAIRCHILD-NC7SP04_10 Datasheet
655Kb / 9P
   NC7SP04 ??TinyLogic짰 ULP Inverter
NC7SV04 FAIRCHILD-NC7SV04_10 Datasheet
563Kb / 11P
   TinyLogic짰 ULP-A Inverter
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com