Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBH0F70ANY Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSBH0F70ANY
Description  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70ANY Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSBH0F70ANY Datasheet HTML 5Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 9Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 10Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 11Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 12Page - Fairchild Semiconductor FSBH0F70ANY Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
9
Typical Characteristics (Continued)
0
2
4
6
8
10
12
14
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
2.86
2.88
2.90
2.92
2.94
2.96
2.98
3.00
3.02
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 6. IDD-ST vs. Temperature
Figure 7. IDD-OP vs. Temperature
11.2
11.4
11.6
11.8
12.0
12.2
12.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
7.7
7.8
7.9
8.0
8.1
8.2
8.3
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 8.
VDD-ON vs. Temperature
Figure 9. VDD-OFF vs. Temperature
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
28.35
28.36
28.37
28.38
28.39
28.40
28.41
28.42
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 10.
VTH-OLP vs. Temperature
Figure 11.
VDD-OVP vs. Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
0
1
2
3
4
5
6
7
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
Figure 12.
IHV vs. Temperature
Figure 13.
IHV-LC vs. Temperature


Similar Part No. - FSBH0F70ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70ANY_F116 FAIRCHILD-FSBH0F70ANY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0F70ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com