Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAVCC0002 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVCC0002
Description  Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVCC0002 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAVCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAVCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Voltage Variable Absorptive
Attenuator, 1700 - 2200 MHz
Rev. V8
MAAVCC0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Input IP3: +31 dBm Min (Full Attenuation Range)
• Input IP3 is 15 -20 dB Better than GaAs
• Linear Operation: +20 dBm Typ.
• Plastic, 28 Lead, 6 mm CSP, SMT Package
• 35 dB Dynamic Range (With 30 mA Bias Current)
• Single Control Voltage
• 50 ohm Impedance
• Linear Driver, DR65-0002, Available
• Test Boards are Available
• Tape and Reel Packaging Available
Description
M/A-COM's
MAAVCC0002 is a PIN diode based
voltage variable attenuator. This device is in a 6mm
square, 28 lead, plastic CSP package, suitable for
surface mounting on PCBs. These attenuators have
linear operating power and input intercept point
levels 15 - 20 dB better than GaAs FET MMIC
voltage variable attenuators. They are ideally suited
for use where low distortion, high linear operating
power and high dynamic range are required. These
devices are optimized for the PCS and UMTS
frequency bands, but exhibit excellent performance
and repeatability over the entire specified frequency
band. The
MAAVCC0002 is ideally suited for
wireless communications systems.
Ordering Information
Part Number
Package
MAAVCC0002
Bulk Packaging
MAAVCC0002TR
1000 piece reel
MAAVCC0002-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin #
Function
Pin #
Function
1
NC
15
NC
2
NC
16
NC
3
NC
17
NC
4
NC
18
NC
5
NC
19
NC
6
NC
20
NC
7
NC
21
NC
8
NC
22
NC
9
BIAS
1
23
BIAS
1
10
NC
24
NC
11
NC
25
NC
12
GND
26
GND
13
RFOUT
27
RFIN
14
GND
28
GND
Pin Configuration
2,3
1. Bias current may be applied to Pin 9 or 23. However, the
unused pin must be isolated.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN packages)
3. It is preferable to ground all “NC” pins, except for the unused
bias pin, which must be left open.


Similar Part No. - MAAVCC0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
logo
Tyco Electronics
MAAVCC0002-TB MACOM-MAAVCC0002-TB Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
MAAVCC0002TR MACOM-MAAVCC0002TR Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002_15 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
More results

Similar Description - MAAVCC0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com