Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFJ-RC020-S831114D Datasheet(PDF) 4 Page - DDK Ltd.

Part # DFJ-RC020-S831114D
Description  DFJ-PC020-S931080D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFJ-RC020-S831114D Datasheet(HTML) 4 Page - DDK Ltd.

  DFJ-RC020-S831114D Datasheet HTML 1Page - DDK Ltd. DFJ-RC020-S831114D Datasheet HTML 2Page - DDK Ltd. DFJ-RC020-S831114D Datasheet HTML 3Page - DDK Ltd. DFJ-RC020-S831114D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
DFJ Series
4
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
Stacking Height
10mm
13mm
14mm
Part Number
DFJ-PC □□□ -S931080D(M)-FA
DFJ-PC □□□ -S931110D(M)-FA
DFJ-PC □□□ -S931120D(M)-FA
Locator Hight
3mm
4mm
Part Number
DFJ-RC □□□ -S831074 □ (M)-FA
DFJ-RC □□□ -S831074 □ (M)-FA
DFJ-RC □□□ -S831074 □ (M)-FA
Locator Hight
Stacking Hight
15mm
16mm
17mm
Part Number
DFJ-PC □□□ -S931130D(M)-FA
DFJ-PC □□□ -S931110D(M)-FA
DFJ-PC □□□ -S931120D(M)-FA
Locator Hight
5mm
3mm
4mm
Part Number
DFJ-RC □□□ -S831074 □ (M)-FA
DFJ-RC □□□ -S831104 □ (M)-FA
DFJ-RC □□□ -S831104 □ (M)-FA
Locator Hight
3mm
3mm
Stacking Hight
18mm
19mm
20mm
Part Number
DFJ-PC □□□ -S931130D(M)-FA
DFJ-PC □□□ -S931130D(M)-FA
DFJ-PC □□□ -S931130D(M)-FA
Locator Hight
5mm
5mm
5mm
Part Number
DFJ-RC □□□ -S831104 □ (M)-FA
DFJ-RC □□□ -S831114 □ (M)-FA
DFJ-RC □□□ -S831124 □ (M)-FA
Locator Hight
3mm
4mm
5mm
P.
C.
P.
C.
○ DFJ Series Stacking Combination List


Similar Part No. - DFJ-RC020-S831114D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-1 COOPER-DFJ-1 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-1 EATON-DFJ-1 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-10 COOPER-DFJ-10 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
logo
Eaton All Rights Reserv...
DFJ-10 EATON-DFJ-10 Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-100 COOPER-DFJ-100 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results

Similar Description - DFJ-RC020-S831114D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com