Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA1259 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA1259
Description  Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1259 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA1259 Datasheet HTML 1Page - Fairchild Semiconductor FSA1259 Datasheet HTML 2Page - Fairchild Semiconductor FSA1259 Datasheet HTML 3Page - Fairchild Semiconductor FSA1259 Datasheet HTML 4Page - Fairchild Semiconductor FSA1259 Datasheet HTML 5Page - Fairchild Semiconductor FSA1259 Datasheet HTML 6Page - Fairchild Semiconductor FSA1259 Datasheet HTML 7Page - Fairchild Semiconductor FSA1259 Datasheet HTML 8Page - Fairchild Semiconductor FSA1259 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1259 / FSA1259A Rev. 1.0.6
4
Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
TA=+25°C
TA=-40 to +85°C
Symbol
Parameter
VCC (V)
Conditions
Min.
Typ.
Max.
Min.
Max.
Unit
4.50 to 5.50
2.4
3.00 to 3.60
2.0
2.30 to 2.70
1.8
Input Voltage High
(FSA1259)
1.65 to 1.95
1.5
4.50 to 5.50
1.0
3.00 to 3.60
1.0
2.30 to 2.70
0.95
VIH
Input Voltage High
(FSA1259A)
1.65 to 1.95
0.95
V
4.50 to 5.50
0.8
3.00 to 3.60
0.8
2.30 to 2.70
0.6
Input Voltage Low
(FSA1259)
1.65 to 1.95
0.6
4.50 to 5.50
0.75
3.00 to 3.60
0.65
2.30 to 2.70
0.55
VIL
Input Voltage Low
(FSA1259A)
1.65 to 1.95
0.5
V
5.50
VIN=0 or VCC
-10
10
-50
50
3.60
VIN=0 or VCC
-2
2
-20
20
2.70
VIN=0 or VCC
-2
2
-20
20
IIN
Control Input
Leakage
1.95
VIN=0 or VCC
-2
2
-20
20
nA
5.50
A=1V, B=4.5V or
B=4.5, A=1V
-10
10
-50
50
3.60
A=1V, B=4.5V or
B=4.5, A=1V
-5
5
-50
50
2.70
A=0.5V, B=2.3V or
B=2.3, A=0.5V
-5
5
-50
50
INO(0FF)
Off-Leakage
Current
1.95
A=0.3V, B=1.65V or
B=1.65, A=0.3V
-5
5
-50
50
nA
5.50
A=Floating; B=4.5V, 1V
-5
5
-50
50
3.60
A=Floating; B=3.0V, 1V
-2
2
-20
20
2.70
A=Floating; B=2.3V, 0.5V
-2
2
-20
20
INO(On)
On-Leakage
Current of
Port B
1.95
A=Floating; B=1.65V, 0.3V
-2
2
-20
20
nA
5.50
A=1V, 4.5V; B=Floating
-5
5
-50
50
3.60
A=1V, 3.0V; B=Floating
-2
2
-20
20
2.70
A=0.5V, 2.3; B=Floating
-2
2
-20
20
IA(ON)
On-Leakage
Current of
Port A
1.95
A=0.3V, 1.65V; B=Floating
-2
2
-20
20
nA
IOFF
Power Off
Leakage Current
of Port A & Port B
0
A=0 to 5.5V; B=0 to 5.5V
-1
1
-10
10
µA


Similar Part No. - FSA1259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1259 FAIRCHILD-FSA1259 Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259A FAIRCHILD-FSA1259A Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259AK8X FAIRCHILD-FSA1259AK8X Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259K8X FAIRCHILD-FSA1259K8X Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
More results

Similar Description - FSA1259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1259 FAIRCHILD-FSA1259 Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA4159 FAIRCHILD-FSA4159 Datasheet
312Kb / 13P
   Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA4159 FAIRCHILD-FSA4159_07 Datasheet
605Kb / 14P
   Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Fairchild Semiconductor
FSA2859 FAIRCHILD-FSA2859 Datasheet
852Kb / 10P
   Dual-Voltage, 0.8廓 DPDT Analog Switch with Power-Off Isolation
FSA859 FAIRCHILD-FSA859 Datasheet
571Kb / 10P
   Dual-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
FSA839 FAIRCHILD-FSA839 Datasheet
569Kb / 10P
   Low-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2737 VISHAY-DG2737_V01 Datasheet
189Kb / 10P
   6-Ω, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
ON Semiconductor
FSA839 ONSEMI-FSA839 Datasheet
647Kb / 12P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com