Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR-PAV030-1A1 Datasheet(PDF) 2 Page - DDK Ltd.

Part # DFR-PAV030-1A1
Description  0.8mm Pitch Board to Board Floating Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFR-PAV030-1A1 Datasheet(HTML) 2 Page - DDK Ltd.

  DFR-PAV030-1A1 Datasheet HTML 1Page - DDK Ltd. DFR-PAV030-1A1 Datasheet HTML 2Page - DDK Ltd. DFR-PAV030-1A1 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
DFR Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Plug Connector
2
P/N
Dimensions
DE
F
G
H
J
K
L
M
N
P
DFR-PAV040-1 □
26.00
24.53
19.00
17.40
19.00
17.00
18.00
15.20
21.32
18.00
15.20
DFR-PAV060-1 □
34.00
32.53
27.00
25.40
27.00
25.00
26.00
23.20
29.32
26.00
23.20
DFR-PAV070-1 □
38.00
36.53
31.00
29.40
31.00
29.00
30.00
27.20
33.32
30.00
27.20
D
E
F
G
8.60
6.10
K
L
1.40
0.80
B
0.25
0.12 B
1.06
φ0.80
1.05
D
E
F
G
8.60
6.10
K
L
1.40
0.80
B
0.25
0.12 B
1.06
φ0.80
1.05
2.00±0.05
1.66±0.05
±0.05
±0.05
0.50±0.05
0.80
1.40
P
C
C
0.10
Recommended P.C.B.layout
(View from mounting side)
  P/N
Locator Height
DFR-RAV□□□-1036□□ DFR-RAV□□□-1076□□
4.0mm
9.5mm
DFR-PAV□□□-1□□
5.5mm
DFR-PAV□□□-1□□
  P/N
Stacking Height
DFR Connector Stacking Height
DFR-PAV040-1A1
Number of Contacts
030 : 30 pin
040:40 pin
060:60 pin
070:70 pin
Packing Style
A1:Emboss Packing
B1:Tray packing


Similar Part No. - DFR-PAV030-1A1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR-0.5A LUGUANG-DFR-0.5A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5B LUGUANG-DFR-0.5B Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5D LUGUANG-DFR-0.5D Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5G LUGUANG-DFR-0.5G Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5J LUGUANG-DFR-0.5J Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR-PAV030-1A1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
CP2 JAE-CP2 Datasheet
266Kb / 3P
   Board-to-Board Floating Coaxial Connector
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Hirose Electric
FX26 HIROSE-FX26 Datasheet
661Kb / 12P
   140℃ Heat and Vibration Resistant Board-to-Board Floating Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com