Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2303MX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FPF2303MX
Description  Dual-Output Current Limit Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2303MX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FPF2303MX Datasheet HTML 1Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 2Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 3Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 4Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 5Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 6Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 7Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 8Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2300/02/03 • Rev. 1.1.3
5
Electrical Characteristics
IN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at IN = 3.3V and TA = 25°C.
Note:
5.
FPF2303 has a 10ms startup FLAGB blanking time when the part is turned on via the ON pin to ensure transient load currents settle.
Figure 6. Timing Diagram
Symbol
Parameter
Conditions
Min. Typ. Max. Units
Basic Operation
VIN
Operating Voltage
1.8
5.5
V
IQ
Quiescent Current
IN = 5.5V, VONA = VONB = 0V, IOUT = 0mA
52.5
94.5
μA
ISD
IN Shutdown Current
VONA = VONB = 5.5V, IN = 5.5V
OUTA = OUTB = Short to GND,
3
μA
RON
On Resistance
IN = 5.5V, IOUT = 200mA, TA = 25°C
75
140
mΩ
IN = 5.5V, IOUT = 200mA, TA = -40°C to 85°C
90
VIH
ON Input Logic High Voltage (ON)
IN = 1.8V
0.8
V
IN = 5.5V
1.4
VIL
ON Input Logic Low Voltage
IN = 1.8V
0.5
V
IN = 5.5V
0.9
ION
ON Input Leakage
VON = IN or GND
-1
1
μA
FLAGB Output Logic Low Voltage
IN = 5.5V, ISINK = 1mA
0.1
0.2
V
IN = 1.8V, ISINK = 1mA
0.15
0.30
FLAGB Output High Leakage Current
IN = VON = 5V
1
μA
Protections
ILIM
Current Limit
IN = 3.3V, VOUTA = VOUTB = 3V, TA = 25°C
1.1
1.3
1.5
A
TSD
Thermal Shutdown
Shutdown Threshold
140
°C
Return from Shutdown
130
Hysteresis
10
VUVLO
Under-Voltage Shutdown
IN Increasing
1.55
1.65
1.75
V
VUVLO_HYS
Under-Voltage Shutdown Hysteresis
50
mV
Dynamic
tON
Turn-On Time
RL = 500Ω, CL = 0.1μF
113.5
μs
tOFF
Turn-Off Time
RL = 500Ω
6
μs
tR
OUTA, OUTB Rise Time
RL = 500Ω, CL = 0.1μF13.5
μs
tBLANK
Over-Current Blanking Time
FPF2300, FPF2302
5
10
20
ms
tRSTRT_BLANK Startup FLAGB Blanking Time
FPF2303(5)
510
20
ms
tRSRT
Auto-Restart Time
FPF2300
504
ms
tCLR
Current Limit Response Time
IN = 3.3V, Moderate Over-Current Condition
20
μs
90%
10%
90%
10%
50%
50%
10%
90%
tR
tDON
tDOFF
OUT
tF
OUT
ON
tON = tR + tDON
tOFF = tF + tDOFF


Similar Part No. - FPF2303MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2312 FAIRCHILD-FPF2312 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2303MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546_08 Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com