Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2312 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2312
Description  Dual-Output Adjustable Current Limit Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2312 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2312 Datasheet HTML 2Page - Fairchild Semiconductor FPF2312 Datasheet HTML 3Page - Fairchild Semiconductor FPF2312 Datasheet HTML 4Page - Fairchild Semiconductor FPF2312 Datasheet HTML 5Page - Fairchild Semiconductor FPF2312 Datasheet HTML 6Page - Fairchild Semiconductor FPF2312 Datasheet HTML 7Page - Fairchild Semiconductor FPF2312 Datasheet HTML 8Page - Fairchild Semiconductor FPF2312 Datasheet HTML 9Page - Fairchild Semiconductor FPF2312 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2310/12/13/13L • Rev. 1.1.2
6
Typical Characteristics
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
1.8
2.2
2.5
2.9
3.3
3.7
4.0
4.4
4.8
5.1
5.5
SUPPLYVOLTAGE(V)
ONA=ONB=IN
RSET =698Ohms
25°C
85°C
-40°C
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
IN=3.3V
IN=5.5V
IN=1.8V
ONA=ONB=IN
RSET =698Ohms
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
IN=5.5V
ON=OUT=0V
RSET =698Ohms
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
IN=5.5V
ON=OUT=0V
RSET =698Ohms
50
60
70
80
90
100
110
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
RONA
RONB
IN=5.5V
ONA=ONB=5.5V
RSET =698Ohms
IOUT =200mA
TA =25°C
60
65
70
75
80
85
1.8
2.2
2.5
2.9
3.3
3.7
4.0
4.4
4.8
5.1
5.5
SUPPLYVOLTAGE(V)
RPDA
RPDB
ONA=ONB=0V
RSET =698Ohms
IOUT =1mA
TA =25°C
Figure 9. RON vs. Supply Voltage
Figure 10. RON vs. Temperature
Figure 11. RPD vs. Supply Voltage
Figure 8. IN Shutdown Current vs. Temperature
Figure 6. Quiescent Current vs. Supply Voltage
Figure 7. Quiescent Current vs. Temperature


Similar Part No. - FPF2312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2312MPX FAIRCHILD-FPF2312MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com