Electronic Components Datasheet Search |
|
SCW1501F-100L Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
SCW1501F-100L Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 2 page LDI Document #10-4400-0012 Rev. B 1/20/09 Optical Characteristics Units 1310nm 1550nm Power Options uW 500 / 1000 / 2000 500 / 1000 / 2000 Wavelength Range nm 1270-1330 1520-1580 Spectral Width FWHM (typ) nm 2 1.3 Drive Characteristics Threshold current (typ;max) mA 6;15 10;14 Modulation current (typ;max) mA 15;25 12;16 Forward voltage maximum V 2 1.4 Maximum optical rise/fall time ns 0.5 0.5 Monitor Diode Photocurrent at PMAX (min;max) uA 50;1200 50;1200 Maximum dark current nA 10 10 Maximum capacitance pF 6 6 Maximum rise/fall time ns 2 2 Maximum reverse voltage V 10 10 Tracking error* dB ±0.5 ±0.5 Temperature Range Module operating temperature oC -20 to +70 -20 to +70 Storage temperature oC -40 to +85 -40 to +85 Thermoelectric Cooler Maximum cooler capacity oC 45 45 Current for maximum capacity A 0.75 0.75 Maximum current A 1.2 1.2 Voltage for maximum current V 1.2 1.2 Thermistor Resistance at T = 25 oCKΏ 9.8-10.2 9.8-10.2 Temperature coefficient %/ oC -4.4 -4.4 *Tracking error is the variation of the linear relationship between fiber-coupled power and monitor diode current over the specified operation temperature range Laser Diode Incorporated’s 1310nm and 1550nm Fabry-Perot lasers offer excellent output power and wavelength stability. These modules are ideally used in short, intermediate and long distance telecommunication systems such as SONET, SDH and Ethernet or Fiberchannel systems. T Te elle ec co om m // D Da atta ac co om m L La as se err M Mo od du ulle es s Wavelengths: 1310nm and 1550nm Power to 2mW Singlemode 9/125/900 fiber 14-pin DIP High Stability Fiber Coupling Hermetically Sealed RoHS Compliant Typical Applications: Telecom data transmission Instrument laser Light source Laser Diode Incorporated ISO 9001:2000 Certified M/A-COM Technology Solutions 4 Olsen Avenue Edison, NJ 08820 USA Voice (732) 549-9001 Fax: (732) 906-1559 Internet: www.laserdiode.com Email: sales@laserdiode.com Specifications and Limits @ 25 oC |
Similar Part No. - SCW1501F-100L |
|
Similar Description - SCW1501F-100L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |