Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0040TR-3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0040TR-3000
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0040TR-3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0040TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0040TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0040TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0040TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0040TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
Rev. V5
MASWSS0040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss 0.7 dB at 2.4 GHz
• Low Cost 3 mm 12-Lead PQFN Package
• Ideal for WLAN IEEE 802.11b
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0040 is a GaAs pHEMT
MMIC DPDT diversity switch in a low cost miniature
3 mm 12-lead PQFN package. The MASWSS0040
is ideally suited for applications where very small
size and low cost are required.
Typical applications are for WLAN IEEE 802.11b/g
systems that employ two antennas for transmit and
receive diversity.
This part is designed for low
insertion loss and allows for independent control and
selection of each switch path. This part can be used
in all systems operating up to 3.0 GHz requiring
moderate power and diversity switching.
The MASWSS0040 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information
1,2
Part Number
Package
MASWSS0040
Bulk Packaging
MASWSS0040TR
1000 piece reel
MASWSS0040TR-3000
3000 piece reel
MASWSS0040SMB
Sample Test Board
0.5 - 3.0 GHz Tuning
Pin No.
Pin Name
Description
1
Ctrl 1
Control 1
2
Port 3
RF Port 3
3
Ctrl 4
Control 4
4
N/C
No Connection
5
Port 2
RF Port 2
6
N/C
No Connection
7
Ctrl 3
Control 3
8
Port 4
RF Port 4
9
Ctrl 2
Control 2
10
N/C
No Connection
11
Port 1
RF Port 1
12
N/C
No Connection
Pad
Paddle
3
No Connection
Pin Configuration
Functional Schematic
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be
connected to the RF and DC ground.


Similar Part No. - MASWSS0040TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040TR-3000 MACOM-MASWSS0040TR-3000 Datasheet
191Kb / 6P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0040TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
   GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
   GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com