Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP9517 Datasheet(PDF) 8 Page - SYNC POWER Crop.

Part # SPP9517
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP9517 Datasheet(HTML) 8 Page - SYNC POWER Crop.

  SPP9517 Datasheet HTML 1Page - SYNC POWER Crop. SPP9517 Datasheet HTML 2Page - SYNC POWER Crop. SPP9517 Datasheet HTML 3Page - SYNC POWER Crop. SPP9517 Datasheet HTML 4Page - SYNC POWER Crop. SPP9517 Datasheet HTML 5Page - SYNC POWER Crop. SPP9517 Datasheet HTML 6Page - SYNC POWER Crop. SPP9517 Datasheet HTML 7Page - SYNC POWER Crop. SPP9517 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2009/08/20
Ver.1
Page 8
SPP9517
P-Channel Enhancement Mode MOSFET
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the
penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use.
No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions
mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information
previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support
devices or systems without express written approval of SYNC Power Corporation.
©The SYNC Power logo is a registered trademark of SYNC Power Corporation
©2004 SYNC Power Corporation – Printed in Taiwan – All Rights Reserved
SYNC Power Corporation
7F-2, No.3-1, Park Street
NanKang District (NKSP), Taipei, Taiwan 115
Phone: 886-2-2655-8178
Fax: 886-2-2655-8468
©http://www.syncpower.com


Similar Part No. - SPP9517

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SPP9517 DOINGTER-SPP9517 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SPP9517S8RGB VBSEMI-SPP9517S8RGB Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SPP9517

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com